Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1395 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1395
Description  Single/Dual/Quad 400MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1395 Datasheet(HTML) 2 Page - Linear Technology

  LT1395 Datasheet HTML 1Page - Linear Technology LT1395 Datasheet HTML 2Page - Linear Technology LT1395 Datasheet HTML 3Page - Linear Technology LT1395 Datasheet HTML 4Page - Linear Technology LT1395 Datasheet HTML 5Page - Linear Technology LT1395 Datasheet HTML 6Page - Linear Technology LT1395 Datasheet HTML 7Page - Linear Technology LT1395 Datasheet HTML 8Page - Linear Technology LT1395 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1395/LT1396/LT1397
139567fc
A
G
A
U
A
R
BSOLUTEXI
TI
S
Total Supply Voltage (V + to V –) ........................... 12.6V
Input Current (Note 2) .......................................
±10mA
Output Current .................................................
±100mA
Differential Input Voltage (Note 2) ...........................
±5V
Output Short-Circuit Duration (Note 3) ........ Continuous
Operating Temperature Range (Note 4)
LT1395C/LT1396C/LT1397C ............. – 40
°C to 85°C
LT1397H ......................................... – 40
°C to 125°C
(Note 1)
Specified Temperature Range (Note 5)
LT1395C/LT1396C/LT1397C .................. 0
°C to 70°C
LT1397H ......................................... – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Storage Temperature Range
(DD Package) ................................... – 65
°C to 125°C
Junction Temperature (Note 6) ............................ 150
°C
Junction Temperature (DD Package) (Note 6) ..... 125
°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PI CO FIGURATIO
V – 2
5 V+
4 –IN
OUT 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
+IN 3
+
–
TJMAX = 150°C, θJA = 250°C/W
1
2
3
4
OUT A
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
+
–
+
–
TJMAX = 150°C, θJA = 250°C/W
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
TJMAX = 125°C, θJA = 160°C/W (NOTE 3)
UNDERSIDE METAL CONNECTED TO V–
(PCB CONNECTION OPTIONAL)
TJMAX = 150°C, θJA = 100°C/W
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V +
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V –
+IN C
–IN C
OUT C
+
–
+
–
–
+
–
+
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V +
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V –
+IN C
–IN C
OUT C
NC
+
–
+
–
–
+
–
+
TJMAX = 150°C, θJA = 135°C/W
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT D
–IN D
+IN D
V –
+IN C
–IN C
OUT C
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
TOP VIEW
DE14 PACKAGE
14-LEAD (4mm
× 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W, θJC = 4.3°C/W
EXPOSED PAD (PIN 15) IS V–
MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com