Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1469CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1469CS8
Description  Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1469CS8 Datasheet(HTML) 2 Page - Linear Technology

  LT1469CS8 Datasheet HTML 1Page - Linear Technology LT1469CS8 Datasheet HTML 2Page - Linear Technology LT1469CS8 Datasheet HTML 3Page - Linear Technology LT1469CS8 Datasheet HTML 4Page - Linear Technology LT1469CS8 Datasheet HTML 5Page - Linear Technology LT1469CS8 Datasheet HTML 6Page - Linear Technology LT1469CS8 Datasheet HTML 7Page - Linear Technology LT1469CS8 Datasheet HTML 8Page - Linear Technology LT1469CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT1469
2
1469fa
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V + to V–).................................36V
Input Current (Note 2)..........................................±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4).... –40°C to 85°C
(Note 1)
TOP VIEW
DF PACKAGE
12-LEAD (4mm × 4mm) PLASTIC DFN
12
11
8
9
10
4
5
3
2
1
V+
OUT B
–IN B
+IN B
N/C
N/C
OUT A
–IN A
+IN A
V–
N/C
N/C
6
7
A
B
13
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) MUST BE CONNECTED TO V–
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
S8 PACKAGE
8-LEAD PLASTIC SO
N8 PACKAGE
8-LEAD PDIP
A
B
TJMAX = 150°C, θJA = 130°C/W (N8)
TJMAX = 150°C, θJA = 190°C/W (S8)
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1469CN8#PBF
NA
LT1469CN8
8-Lead PDIP
0°C to 70°C
LT1469IN8#PBF
NA
LT1469IN8
8-Lead PDIP
–40°C to 85°C
LT1469CS8#PBF
LT1469CS8#TRPBF
1469
8-Lead Plastic Small Outline
0°C to 70°C
LT1469IS8#PBF
LT1469IS8#TRPBF
1469I
8-Lead Plastic Small Outline
–40°C to 85°C
LT1469ACDF#PBF
LT1469ACDF#TRPBF
1469
12-Lead (4mm × 4mm) Plastic DFN
0°C to 70°C
LT1469AIDF#PBF
LT1469AIDF#TRPBF
1469
12-Lead (4mm × 4mm) Plastic DFN
–40°C to 85°C
LT1469CDF#PBF
LT1469CDF#TRPBF
1469
12-Lead (4mm × 4mm) Plastic DFN
0°C to 70°C
LT1469IDF#PBF
LT1469IDF#TRPBF
1469
12-Lead (4mm × 4mm) Plastic DFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1469CN8
NA
LT1469CN8
8-Lead PDIP
0°C to 70°C
LT1469IN8
NA
LT1469IN8
8-Lead PDIP
–40°C to 85°C
LT1469CS8
LT1469CS8#TR
1469
8-Lead Plastic Small Outline
0°C to 70°C
LT1469IS8
LT1469IS8#TR
1469I
8-Lead Plastic Small Outline
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Specified Temperature Range (Note 5) .... –40°C to 85°C
Maximum Junction Temperature........................... 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
S8 and N8 Package........................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com