Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA7002 Datasheet(PDF) 1 Page - HBH Microwave GmbH

Part # HA7002
Description  4.0 - 26.5 GHz Ultra Wide Band Low Noise Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH

HA7002 Datasheet(HTML) 1 Page - HBH Microwave GmbH

  HA7002 Datasheet HTML 1Page - HBH Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.0 – 26.5 GHz Ultra Wide Band Low Noise Amplifier
HBH Microwave GmbH,
Phone +49-7244-6098490
Internet: http://www.hbhmw.de
Helmholtzstr 9, 76297 Stutensee, Germany
Fax
+49-7244-6098489
Email:
info@hbhmw.de
HBH
Microwave GmbH
HA7002
General Description
The HA7002 is an ultra wideband, low noise amplifier uwb applications up to 26.5GHz.
The high gain, good flatness and low noise power makes this device an ideal choice as a broadband
low noise amplifier. The device operates from –30°C to +70°C.
Electrical Performance
Data @25 °C
Parameter
Min
Typ
Max
Units
Frequency Range
4.0
26.5
GHz
Gain
20
23
dB
Gain Flatness
± 2.0
dB
Outputpower @P1dB
10.0
dBm
Noise Figure
4.5
dB
Input Reflection
-12.0
-10.0
dB
Output Reflection
-12.0
-10.0
dB
Operating
Temperature Range
-30
+70
°C
DC Supply
+7V/100mA
-5V/10mA
Pos.Voltage
max.=12V
Package
M202
Size
18 x 18 x 8
mm
Heat sink <70°C required
Date: 30/06/2005, Rev. 1.0


Similar Part No. - HA7002

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA7001 HBH-HA7001 Datasheet
25Kb / 1P
21.0 - 30.0 GHz Driver Amplifier
HA7003 HBH-HA7003 Datasheet
25Kb / 1P
4.0 - 26.5 GHz Ultra Wide Band Driver Amplifier
More results

Similar Description - HA7002

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-5023 HP-AMMC-5023 Datasheet
215Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
List of Unclassifed Man...
WHM2040AE ETC-WHM2040AE Datasheet
269Kb / 5P
1.8 - 4.0 GHz LOW NOISE AMPLIFIER WHM2040AE
logo
NEC
UPG100B NEC-UPG100B Datasheet
57Kb / 4P
LOW NOISE WIDE-BAND AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5023 AVAGO-AMMC-5023 Datasheet
271Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
HBH Microwave GmbH
HA7003 HBH-HA7003 Datasheet
25Kb / 1P
4.0 - 26.5 GHz Ultra Wide Band Driver Amplifier
logo
Custom MMIC Design Serv...
CMD275 MMIC-CMD275 Datasheet
253Kb / 10P
DC-26.5 GHz Low Phase Noise Amplifier
CMD275P4 MMIC-CMD275P4 Datasheet
275Kb / 10P
DC-26.5 GHz Low Phase Noise Amplifier
logo
Qorvo, Inc
CMD275P4 QORVO-CMD275P4 Datasheet
275Kb / 10P
DC-26.5 GHz Low Phase Noise Amplifier
CMD275 QORVO-CMD275 Datasheet
302Kb / 11P
DC-26.5 GHz Low Phase Noise Amplifier
logo
Renesas Technology Corp
UPC4570 RENESAS-UPC4570 Datasheet
614Kb / 11P
Ultra Low-Noise, High Speed, Wide Band, Dual Operational Amplifier
2019.1.17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com