Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX32X1 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # AX32X1
Description  Acriche series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AX32X1 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button AX32X1 Datasheet HTML 3Page - Seoul Semiconductor AX32X1 Datasheet HTML 4Page - Seoul Semiconductor AX32X1 Datasheet HTML 5Page - Seoul Semiconductor AX32X1 Datasheet HTML 6Page - Seoul Semiconductor AX32X1 Datasheet HTML 7Page - Seoul Semiconductor AX32X1 Datasheet HTML 8Page - Seoul Semiconductor AX32X1 Datasheet HTML 9Page - Seoul Semiconductor AX32X1 Datasheet HTML 10Page - Seoul Semiconductor AX32X1 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Rev. 03
Rev. 03
May 2008
May 2008
www.ZLED.com
www.ZLED.com
7
lx
-
170
-
Фl
Illuminance [3]
W
4
PD
Power Dissipation
mA
[RMS]
-
20
-
Iopt
Operating Current
Hz
50 / 60
Freq
Operating Frequency
K
-
3000
-
CCT
Correlated Color Temperature [4]
Max
Typ
Min
-
-
70
150
deg.
110
2Θ 1/2
View Angle
-
-
Ra
CRI
lm
-
ФV [2]
Luminous Flux [1]
Unit
Value
Symbol
Parameter
ºC
125
Tj
Junction Temperature
-
±
2,000V HBM
-
ESD Sensitivity
ºC
-40 ~ +120
Tstg
Storage Temperature
W
7.5
PD
Power Dissipation
ºC
-30 ~ +85
Topr
Operating Temperature
V [RMS]
253/265
vopt [5]
Operating Voltage
Unit
Value
Symbol
Parameter
4. AN3221/AN3231 (CRI 70)
4-1 Electro-Optical characteristics at 220V/230V Ta=25ºC
4-2 Absolute Maximum Ratings
Characteristics of Acriche
*Notes :
[1] Acriche series maintains a tolerance of ±10% on flux and power measurements.
[2] ФV is the total luminous flux output as measured with an integrated sphere.
[3] Illuminance is measured at 50cm distance
[4] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
CCT ±5% tester tolerance
[5] ‘Operating Voltage' doesn't indicate the maximum voltage which customers use, but it
means tolerable voltage according to the voltage variation rate by one's country.
It is recommended that the temperature of lead frame should be below 70 ℃.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com