Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCW100Z Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # FCW100Z
Description  FLASH LED DEVICE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FCW100Z Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button FCW100Z Datasheet HTML 2Page - Seoul Semiconductor FCW100Z Datasheet HTML 3Page - Seoul Semiconductor FCW100Z Datasheet HTML 4Page - Seoul Semiconductor FCW100Z Datasheet HTML 5Page - Seoul Semiconductor FCW100Z Datasheet HTML 6Page - Seoul Semiconductor FCW100Z Datasheet HTML 7Page - Seoul Semiconductor FCW100Z Datasheet HTML 8Page - Seoul Semiconductor FCW100Z Datasheet HTML 9Page - Seoul Semiconductor FCW100Z Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SSC
SSC--FCW100Z
FCW100Z
Revision 1.7
Revision 1.7
www.ZLED.com
www.ZLED.com
서식번호 : SSC-QP-7-07-24 (Rev.0.0)
4. Characteristic Diagram
Forward Current vs Forward Voltage
Relative Intensity vs Forward Current
2.6
2.8
3.0
3.2
3.4
3.6
3.8
10
100
1000
Forward Voltage V
F
(V)
0
100
200
300
400
500
600
700
800
0
50
100
150
200
250
300
Forward Current I
F
(mA)
Forward Current vs Derating Curve
Forward Current vs Chromaticity Coordinate
50
100
150
200
250
300
350
0.29
0.30
0.31
0.32
0.33
Forward Current [mA]
x
y
-2 5
0
25
50
7 5
1 0 0
0
20
40
60
80
10 0
12 0
14 0
16 0
18 0
20 0
A m bie n t te m p e ratu re T a (
o C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com