Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F75111 Datasheet(PDF) 18 Page - Feature Integration Technology Inc.

Part # F75111
Description  Low Power GPIO Datasheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75111 Datasheet(HTML) 18 Page - Feature Integration Technology Inc.

Back Button F75111 Datasheet HTML 14Page - Feature Integration Technology Inc. F75111 Datasheet HTML 15Page - Feature Integration Technology Inc. F75111 Datasheet HTML 16Page - Feature Integration Technology Inc. F75111 Datasheet HTML 17Page - Feature Integration Technology Inc. F75111 Datasheet HTML 18Page - Feature Integration Technology Inc. F75111 Datasheet HTML 19Page - Feature Integration Technology Inc. F75111 Datasheet HTML 20Page - Feature Integration Technology Inc. F75111 Datasheet HTML 21Page - Feature Integration Technology Inc. F75111 Datasheet HTML 22Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
July, 2007
V0.27P
- 16 -
F75111
6
GP16_OCTRL
R/W
VSB3V
GPIO 16 output control. Set to 1 for output function. Set to 0 for input
function(default).
5
GP15_OCTRL
R/W
VSB3V
GPIO 15 output control. Set to 1 for output function. Set to 0 for input
function(default).
4
GP14_OCTRL
R/W
VSB3V
GPIO 14 output control. Set to 1 for output function. Set to 0 for input
function(default).
3
GP13_OCTRL
R/W
VSB3V
GPIO 13 output control. Set to 1 for output function. Set to 0 for input
function(default).
2
GP12_OCTRL
R/W
VSB3V
GPIO 12 output control. If this pin serves as IRQ/SMI#, this bit has no
effect. Set to 1 for output function. Set to 0 for input function(default).
1
GP11_OCTRL
R/W
VSB3V
GPIO 11 output control. Set to 1 for output function. Set to 0 for input
function(default).
0
GP10_OCTRL
R/W
VSB3V
GPIO 10 output control. Set to 1 for output function. Set to 0 for input
function(default).
7.11 GPIO1x Output Data Register – Index 11h
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7
GP17_ODATA
R/W
VSB3V
GPIO 17 output data.
6
GP16_ODATA
R/W
VSB3V
GPIO 16 output data.
5
GP15_ODATA
R/W
VSB3V
GPIO 15 output data.
4
GP14_ODATA
R/W
VSB3V
GPIO 14 output data.
3
GP13_ODATA
R/W
VSB3V
GPIO 13 output data.
2
GP12_ODATA
R/W
VSB3V
GPIO 12 output data. If this pin serves as IRQ/SMI#, this bit has no
effect.
1
GP11_ODATA
R/W
VSB3V
GPIO 11 output data.
0
GP10_ODATA
R/W
VSB3V
GPIO 10 output data.
7.12 GPIO1x Input Status Register – Index 12h
Power-on default [7:0] =xxxx_xxxxb
Bit
Name
R/W
PWR
Description
7
GP17_PSTS
RO
VSB3V
Read the GPIO17 data on the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com