Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM520A Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # LM520A
Description  WARM WHITE LAMP LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LM520A Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button LM520A Datasheet HTML 3Page - Seoul Semiconductor LM520A Datasheet HTML 4Page - Seoul Semiconductor LM520A Datasheet HTML 5Page - Seoul Semiconductor LM520A Datasheet HTML 6Page - Seoul Semiconductor LM520A Datasheet HTML 7Page - Seoul Semiconductor LM520A Datasheet HTML 8Page - Seoul Semiconductor LM520A Datasheet HTML 9Page - Seoul Semiconductor LM520A Datasheet HTML 10Page - Seoul Semiconductor LM520A Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Rev. 00
Rev. 00
December 2007
December 2007
www.ZLED.com
www.ZLED.com
Document No. : SSC-QP-7-07-24 (Rev.00)
<080924> Rev. 0.2
0
20
406080
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Ambient Temperature Ta[
oC]
IF= 20mA
0
2040
6080
100
2.4
2.6
2.8
3.0
3.2
3.4
Ambient Temperature Ta[
oC]
IF= 20mA
Ambient Temperature vs. Forward Voltage
Ambient Temperature vs. Relative Intensity
-90
-60
-30
0
30
60
90
0.0
0.2
0.4
0.6
0.8
1.0
Off Axis Angle [deg.]
Ta= 25ºC, IF= 20mA
400
500
600
700
0.0
0.5
1.0
Wavelength [nm]
Ta= 25ºC, IF= 20mA
Spectrum
Directivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com