Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1566-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1566-1
Description  1.4nV/?숰z 180MHz Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1566-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC1566-1 Datasheet HTML 1Page - Linear Technology LTC1566-1 Datasheet HTML 2Page - Linear Technology LTC1566-1 Datasheet HTML 3Page - Linear Technology LTC1566-1 Datasheet HTML 4Page - Linear Technology LTC1566-1 Datasheet HTML 5Page - Linear Technology LTC1566-1 Datasheet HTML 6Page - Linear Technology LTC1566-1 Datasheet HTML 7Page - Linear Technology LTC1566-1 Datasheet HTML 8Page - Linear Technology LTC1566-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1567
2
1567fa
Total Supply Voltage (V+ to V–) ............................ 12.6V
Input Current (Note 2) ........................................
±25mA
Operating Temperature Range (Note 3)
LT1567C ..............................................–40
°C to 85°C
LT1567I ...............................................–40
°C to 85°C
Specified Temperature Range (Note 4)
LT1567C ..............................................–40
°C to 85°C
LT1567I ...............................................–40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
MS8 PART MARKING
TJMAX = 150°C, θJA = 200°C/W
LTWH
LTWJ
LT1567CMS8
LT1567IMS8
(Note 1)
The
● denotes the specifications that apply over the full operating temperature range (Note 4), otherwise specifications and typical
values are at TA = 25°C. VS = ±2.5V, RL = 1K, VOUT = 0 on both amplifiers unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Total Supply Voltage
2.7
12
V
Supply Current
VS = ±1.5V
●
8.5
15
mA
VS = ±2.5V
●
916
mA
VS = ±5V
●
11
19
mA
OA Output Positive Voltage Swing
VS = ±1.5V, RL = 1k
●
1.30
1.45
V
VS = ±2.5V, RL = 1k
●
2.20
2.45
V
VS = ±2.5V, RL=100
●
1.90
2.25
V
VS = ±5V, RL = 1k
●
4.70
4.90
V
OA Output Negative Voltage Swing
VS = ±1.5V, RL = 1k
●
–1.30
–1.45
V
VS = ±2.5V, RL = 1k
●
–2.20
–2.45
V
VS = ±2.5V, RL=100
●
–2.00
–2.30
V
VS = ±5V, RL = 1k
●
–4.70
–4.90
V
INV Output Positive Voltage Swing
VS = ±1.5V, RL = 1k
●
1.30
1.40
V
VS = ±2.5V, RL = 1k
●
2.20
2.50
V
VS = ±2.5V, RL = 100 (LT1567I Only, Note 5)
●
1.80
2.00
V
VS = ±5V, RL = 1k
●
4.60
4.80
V
INV Output Negative Voltage Swing
VS = ±1.5V, RL = 1k
●
–1.30
–1.40
V
VS = ±2.5V, RL = 1k
●
–2.20
–2.40
V
VS = ±2.5V, RL = 100 (LT1567I Only, Note 5)
●
–1.80
–2.00
V
VS = ±5V, RL = 1k
●
–4.50
–4.80
V
Common Mode Input Voltage Range (DC BIAS, Pin 5)
VS = ±1.5V, CMRR ≥ 40dB (Note 6)
●
–0.5
0.5
V
(See Pin Functions)
VS = ±5V, CMRR ≥ 40dB (Note 6)
●
–3.8
3.5
V
DC Common Mode Rejection Ratio (CMRR)
VS = ±1.5V, DC BIAS = –0.25V to 0.25V
●
80
dB
VS = ±5V, DC BIAS = –2.5V to 2.5V
●
65
90
dB
DC Power Supply Rejection Ratio (PSRR)
VS = ±1.5V to ±5V, DC BIAS = 0V
●
80
100
dB
OA Input Offset Voltage
●
0.5
3
mV
INV Output Offset Voltage
●
59
mV
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
OAOUT
OAIN
BYPASS
V–
8
7
6
5
V+
INVOUT
INVIN
DC BIAS
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com