Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LW514 Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # LW514
Description  Lamp LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LW514 Datasheet(HTML) 4 Page - Seoul Semiconductor

  LW514 Datasheet HTML 1Page - Seoul Semiconductor LW514 Datasheet HTML 2Page - Seoul Semiconductor LW514 Datasheet HTML 3Page - Seoul Semiconductor LW514 Datasheet HTML 4Page - Seoul Semiconductor LW514 Datasheet HTML 5Page - Seoul Semiconductor LW514 Datasheet HTML 6Page - Seoul Semiconductor LW514 Datasheet HTML 7Page - Seoul Semiconductor LW514 Datasheet HTML 8Page - Seoul Semiconductor LW514 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Document No. : SSC-QP-7-07-24 (Rev.00)
Rev. 00
Rev. 00
January 2009
January 2009
www.ZLED.com
www.ZLED.com
LW514
LW514
Features
Description
Lamp LEDs are effective in hot
thermal and humid condition.
This high brightness and
weather-resistant packaging
design makes these Lamp LEDs
ideal for Outdoor applications
such as traffic signals, variable
message signs and backlighting
for transparent sign panels.
• High luminous white
emission
• Non-standoff leads
• 5mm package
• Viewing angle : 15 º
• Color Coordinates :
x=0.31 y=0.31
Applications
• Electronic signs and
signals
• Specialty lighting
• Small area illumination
• Torches and head
lamps
• Backlighting
• Outdoor displays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com