Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT0638 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HT0638
Description  Electronic Line Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HT0638 Datasheet(HTML) 2 Page - Supertex, Inc

  HT0638 Datasheet HTML 1Page - Supertex, Inc HT0638 Datasheet HTML 2Page - Supertex, Inc HT0638 Datasheet HTML 3Page - Supertex, Inc HT0638 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
HT0638
Absolute Maximum Ratings
V
TPG, Input line voltage
+375V
V
TP, Output line voltage
+18V
HKS continuous input voltage
V
TPG
LS1, LS2 continuous input voltage
+20V
DP continuous input voltage
+5V
Storage temperature
–65°C to +150°C
Soldering temperature*
+300°C
Notes: All voltages are referenced to ground.
*Distance of 1.6mm from case for 10 seconds.
Ordering Information
Breakdown Voltage
Switch Resistance
Package Option
SO-8
375V
15Ω
HT0638LG
Typical Performance Curve
350
300
250
200
150
100
50
0
100
200 300
400 500
RSENSE (ohms)
ILIMIT vs. RSENSE
600 700
800
900 1000
Block Diagram
TPG
TP
CS
GND
HKS
LS1
LS2
DP
H = ON
L = OFF
Charge Pump
&
Logic Control



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com