Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1640AL Datasheet(PDF) 1 Page - Linear Technology

Part # LT1640AL
Description  Negative Voltage Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AL Datasheet(HTML) 1 Page - Linear Technology

  LT1640AL Datasheet HTML 1Page - Linear Technology LT1640AL Datasheet HTML 2Page - Linear Technology LT1640AL Datasheet HTML 3Page - Linear Technology LT1640AL Datasheet HTML 4Page - Linear Technology LT1640AL Datasheet HTML 5Page - Linear Technology LT1640AL Datasheet HTML 6Page - Linear Technology LT1640AL Datasheet HTML 7Page - Linear Technology LT1640AL Datasheet HTML 8Page - Linear Technology LT1640AL Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1640AL/LT1640AH
Negative Voltage
Hot Swap Controller
s
Allows Safe Board Insertion and Removal
from a Live – 48V Backplane
s
Operates from –10V to – 80V
s
Programmable Inrush Current
s
Allows 50mA of Reverse Drain Pin Current
s
Programmable Electronic Circuit Breaker
s
Programmable Overvoltage Protection
s
Programmable Undervoltage Lockout
s
Power Good Control Output
The LT
®1640AL/LT1640AH are 8-pin, negative voltage
Hot Swap
TM controllers that allow a board to be safely
inserted and removed from a live backplane. Inrush cur-
rent is limited to a programmable value by controlling the
gate voltage of an external N-channel pass transistor. The
pass transistor is turned off if the input voltage is less than
the programmable undervoltage threshold or greater than
the overvoltage threshold. A programmable electronic
circuit breaker protects the system against shorts. The
PWRGD (LT1640AL) or PWRGD (LT1640AH) signal can
be used to directly enable a power module. The LT1640AL
is designed for modules with a low enable input and the
LT1640AH for modules with a high enable input.
The LT1640AL/LT1640AH are available in 8-pin PDIP and
SO packages.
s
Central Office Switching
s
– 48V Distributed Power Systems
s
Negative Power Supply Control
Hot Swap is a trademark of Linear Technology Corporation.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Input Inrush Current
CONTACT
BOUNCE
1640A F07b
VEE
VDD
LT1640AL
SENSE
C1
†
150nF
25V
C2
†
3.3nF
100V
C3
0.1
µF
100V
C4
100
µF
100V
Q1
IRF530
R2
10
Ω
5%
R3
†
18k
5%
R4
†
562k
1%
R5
†
9.09k
1%
R6
†
10k
1%
R1
†
0.02
Ω
5%
4
OV
GND
GND
(SHORT PIN)
3
2
– 48V
OV = 71V
*
* DIODES INC. SMAT70A
† THESE COMPONENTS ARE APPLICATION
SPECIFIC AND MUST BE SELECTED BASED
UPON OPERATING CONDITIONS AND DESIRED
PERFORMANCE. SEE APPLICATIONS
INFORMATION.
UV = 37V
UV
56
8
7
1
GATE
DRAIN
PWRGD
1640A TA01
VOUT
+
SENSE +
TRIM
SENSE –
VOUT
–
VIN
–
ON/OFF
LUCENT
JW050A1-E
VIN
+
2
9
5V
8
7
6
5
1
4
+
C5
100
µF
16V
+
4
3
2
1
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1640AL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
322Kb / 40P
Hot Swap Controller
LT1640AL LINER-LT1640AL Datasheet
319Kb / 36P
Negative Voltage Hot Swap Controllers
LT1640AL LINER-LT1640AL Datasheet
310Kb / 34P
??8V Hot Swap Controllers
LT1640AL LINER-LT1640AL Datasheet
326Kb / 16P
Negative Voltage Hot Swap Controller
LT1640AL LINER-LT1640AL Datasheet
213Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
More results

Similar Description - LT1640AL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250_05 Datasheet
251Kb / 12P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068MM-3 TI1-LM5068MM-3 Datasheet
1Mb / 33P
Negative Voltage Hot Swap Controller
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com