Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1640LIN8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1640LIN8
Description  Negative Voltage Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640LIN8 Datasheet(HTML) 4 Page - Linear Technology

  LT1640LIN8 Datasheet HTML 1Page - Linear Technology LT1640LIN8 Datasheet HTML 2Page - Linear Technology LT1640LIN8 Datasheet HTML 3Page - Linear Technology LT1640LIN8 Datasheet HTML 4Page - Linear Technology LT1640LIN8 Datasheet HTML 5Page - Linear Technology LT1640LIN8 Datasheet HTML 6Page - Linear Technology LT1640LIN8 Datasheet HTML 7Page - Linear Technology LT1640LIN8 Datasheet HTML 8Page - Linear Technology LT1640LIN8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1640L/LT1640H
1640lhfb
TYPICAL PERFOR A CE CHARACTERISTICS
Gate Voltage vs Temperature
TEMPERATURE (
°C)
12.0
13.0
14.0
15.0
12.5
13.5
14.5
–25
0
75
1640 G04
100
–50
25
50
TEMPERATURE (
°C)
–50
48
49
51
52
53
55
25
0
50
1640 G05
50
54
100
–25
75
TEMPERATURE (
°C)
–50
48
47
46
45
44
43
42
41
40
75
1640 G06
– 25
100
50
25
0
VGATE = 0V
Gate Pull-Up Current
vs Temperature
Gate Pull-Down Current
vs Temperature
TEMPERATURE (
°C)
–50
49
52
55
75
1640 G07
46
43
40
–25
0
25
50
100
VGATE = 2V
PWRGD Output Low Voltage
vs Temperature (LT1640L)
TEMPERATURE (
°C)
–50
0.3
0.4
0.5
75
1640 G08
0.2
0.1
0
–25
25
0
50
100
IOUT = 1mA
TEMPERATURE (
°C)
–50
2
3
4
5
6
7
8
–25
25
050
75
1640 G09
100
VDRAIN – VEE > 2.4V
PWRGD Output Impedance
vs Temperature (LT1640H)
Circuit Breaker Trip Voltage
vs Temperature
pin which pulls the module’s enable pin low, forcing it off.
When VDRAIN drops below VPG, the PWRGD sink current
is turned off and a 6.5k resistor is connected between
PWRGD and DRAIN, allowing the module’s pull-up cur-
rent to pull the enable pin high and turn on the module.
OV (Pin 2): Analog Overvoltage Input. When OV is pulled
above the 1.223V low to high threshold, an overvoltage
condition is detected and the GATE pin will be immediately
pulled low. The GATE pin will remain low until OV drops
below the 1.203V high to low threshold.
PIN FUNCTIONS
PWRGD/PWRGD (Pin 1): Power Good Output Pin. This pin
will toggle when VDRAIN is within VPG of VEE. This pin can
be connected directly to the enable pin of a power module.
When the DRAIN pin of the LT1640L is above VEE by more
than VPG, the PWRGD pin will be high impedance, allowing
the pull-up current of the module’s enable pin to pull the
pin high and turn the module off. When VDRAIN drops
below VPG, the PWRGD pin sinks current to VEE, pulling
the enable pin low and turning on the module.
When the DRAIN pin of the LT1640H is above VEE by more
than VPG, the PWRGD pin will sink current to the DRAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com