Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1640HCS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1640HCS8
Description  Negative Voltage Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640HCS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1640HCS8 Datasheet HTML 2Page - Linear Technology LT1640HCS8 Datasheet HTML 3Page - Linear Technology LT1640HCS8 Datasheet HTML 4Page - Linear Technology LT1640HCS8 Datasheet HTML 5Page - Linear Technology LT1640HCS8 Datasheet HTML 6Page - Linear Technology LT1640HCS8 Datasheet HTML 7Page - Linear Technology LT1640HCS8 Datasheet HTML 8Page - Linear Technology LT1640HCS8 Datasheet HTML 9Page - Linear Technology LT1640HCS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1640L/LT1640H
1640lhfb
TEST CIRCUIT
PWRGD/PWRGD
VDD
V +
5V
OV
VDRAIN
48V
R
5k
DRAIN
LT1640L/LT1640H
UV
GATE
VEE
SENSE
VSENSE
1640 F01
VUV
VOV
+
–
Figure 1. Test Circuit
2V
1V
1640 F02
tPHLOV
1.223V
0V
OV
GATE
1V
1.203V
tPLHOV
TIMING DIAGRAMS
Figure 2. OV to GATE Timing
2V
1V
1640 F03
tPHLUV
1.223V
0V
UV
GATE
1V
1.243V
tPLHUV
Figure 3. UV to GATE Timing
Figure 4. SENSE to GATE Timing
1V
1640 F04
tPHLSENSE
50mV
SENSE
GATE
1.8V
1V
1640 F05
0V
VPWRGD – VDRAIN = 0V
DRAIN
PWRGD
1V
1.4V
1.8V
1V
tPLHPG
VEE
VEE
DRAIN
PWRGD
1V
1.4V
tPHLPG
tPLHPG
tPHLPG
Figure 5. DRAIN to PWRGD/PWRGD Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com