Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV311LG Datasheet(PDF) 16 Page - Supertex, Inc

Part # HV311LG
Description  Hotswap, Controllers with Circuit Breaker
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV311LG Datasheet(HTML) 16 Page - Supertex, Inc

Back Button HV311LG Datasheet HTML 12Page - Supertex, Inc HV311LG Datasheet HTML 13Page - Supertex, Inc HV311LG Datasheet HTML 14Page - Supertex, Inc HV311LG Datasheet HTML 15Page - Supertex, Inc HV311LG Datasheet HTML 16Page - Supertex, Inc HV311LG Datasheet HTML 17Page - Supertex, Inc HV311LG Datasheet HTML 18Page - Supertex, Inc HV311LG Datasheet HTML 19Page - Supertex, Inc HV311LG Datasheet HTML 20Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
HV301/HV311
Reverse Polarity Protection
The UV and OV pins are protected against reverse polarity input
supplies by internal clamping diodes and the fault currents are
sufficiently limited by the impedance of the external resistor
divider, however, a low current diode with a 100V breakdown
rating must be inserted in series with the V
DD pin.
Application Information, cont’d.
This method (shown in Application Circuit 12) will protect the
hotswap control circuit however, due to the intrinsic diode in the
external MOSFET, the load will not be protected from reverse
polarity voltages.
Application Circuit 12
VDD
UV
OV
VEE
SENSE GATE
RAMP
-48V
R4
12.5m
Ω
R1
487k
Ω
R2
6.81k
Ω
R3
9.76k
Ω
Q1
IRF530
Cload
+5V
HV311
8
3
2
5
74
COM
1
GND
C1
10nF
D1
6
DC/DC
PWM
CONVERTER
PWRGD / PWRGD
ENABLE / ENABLE
Note: capacitor may be needed to slow PWRGD dv/dt if
oscillations are observed when V
IN is close to OV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com