Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV3418 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV3418
Description  64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV3418 Datasheet(HTML) 2 Page - Supertex, Inc

  HV3418 Datasheet HTML 1Page - Supertex, Inc HV3418 Datasheet HTML 2Page - Supertex, Inc HV3418 Datasheet HTML 3Page - Supertex, Inc HV3418 Datasheet HTML 4Page - Supertex, Inc HV3418 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Symbol
Parameter
Min
Typ
Max
Units
V
DD
Logic supply voltage
V
DD = 5V
4.5
5.0
5.5
V
V
DD =12V
10.8
12.0
13.2
V
V
PP
High voltage supply
60
180
V
V
IH
High-level input voltage
V
DD -0.9
V
DD
V
V
IL
Low-level input voltage
0
0.9
V
TA
Operating free-air temperature
Plastic
-40
+85
°C
Ceramic
-55
+125
Notes:
Power-up sequence should be the following:
1. Connect ground.
4. Apply VPP.
2. Apply VDD.5. The VPP should not drop below VDD or float during operation.
3. Set all inputs (Data, CLK, Enable, etc.) to a known state.
Power-down sequence should be the reverse of the above.
Symbol
Parameter
Min
Typ
Max
Units
Conditions
f
CLK
Clock Frequency
12(6)
MHz
tW
Clock Width High and Low
High
40(83)
ns
t
SU
Data Setup Time Before Clock Rises
25(35)
ns
t
H
Data Hold Time After Clock Rises
10(30)
ns
tWLE
Width of Latch Enable Pulse
62(80)
ns
t
DLE
LE Delay Time Rising Edge of Clock
25(35)
ns
tSLE
LE Setup Time Before Rising Edge of Clock
30(40)
ns
tON, tOFF
Time from Latch Enable to HVOUT
1(1.5)
µsCL = 20pF
t
DHL
Delay Time Clock to Data High to Low
50(110)
ns
C
L = 20pF
tDLH
Delay Time Clock to Data Low to High
75(160)
ns
CL = 20pF
tr, tf
All Logic Inputs
5
ns
Notes:
1. Shift register speed can be as low as DC as long as Data Set-up and Hold Time meet the spec.
2. AC Characteristics are guaranteed only under VDD = 12V and VDD = 5V.
Electrical Characteristics (over recommended operating conditions unless noted)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
I
DD
V
DD Supply Current
25
mA
f
CLK = 12MHz, fDATA = 12MHz
LE = LOW
IDDQ
Quiescent VDD Supply Current
200
µA
All VIN = 0V or VDD
I
PP
High Voltage Supply Current
0.50
mA
V
PP = 180V All outputs high
0.50
mA
VPP = 180V All outputs low
IIH
High-Level Logic Input Current
10
µAVIH = VDD
I
IL
Low-Level Logic Input Current
-10
µAVIL = 0V
VOH
High-Level Output
HVOUT
155
V
VPP = 180V, IHVOUT = -5mA
Data Out
VDD -1V
V
IDOUT = -100µA
V
OL
Low-Level Output
HV
OUT
25
V
V
PP = 180V, IHVOUT = +5mA
Data Out
1.0
V
IDOUT = +100µA
VOC
HVOUT Clamp Voltage
VPP +1.5
V
IOL = +5mA
-1.5
V
I
OL = -5mA
DC Characteristics
Recommended Operating Conditions
AC Characteristics1,2 (For V
DD = 12V: values in parentheses are for VDD = 5V; VPP = 180V, TA = 25°C)
HV3418



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com