Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV441 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV441
Description  High-Voltage Ring Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV441 Datasheet(HTML) 2 Page - Supertex, Inc

  HV441 Datasheet HTML 1Page - Supertex, Inc HV441 Datasheet HTML 2Page - Supertex, Inc HV441 Datasheet HTML 3Page - Supertex, Inc HV441 Datasheet HTML 4Page - Supertex, Inc HV441 Datasheet HTML 5Page - Supertex, Inc HV441 Datasheet HTML 6Page - Supertex, Inc HV441 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Symbol Parameters
Min
Typ
Max
Unit
Conditions
V
osc1
Input voltage range for osc1
0
V
DD2
V
V
osc2
Input voltage range for osc2
0
V
DD2
V
V
oscin
Input voltage range for oscin
0
V
DD1
V
f
oscout
Output frequency of oscout
120
KHz
f
OSC1 = 480KHz
V
oscout
Oscout voltage
0
V
DD1
V
Oscillator
R
SOURCE
V
OUTP source resistance
55
Ω
I
OUT = 100mA
R
SINK
V
OUTP sink resistance
55
Ω
I
OUT = -100mA
DC
P
Max P-Channel duty cycle
92
%
V
PP1 = +60V, VNN1 = -160V
DC
N
Max N-Channel duty cycle
94
%
V
PP1 = +60V, VNN1 = -160V
td
(ON)
HV
OUT delay time
150
ns
t
rise
HV
OUT rise time
50
ns
td
(OFF)
HV
OUT delay time
200
ns
t
fall
HV
OUT fall time
50
ns
V
psen
HV
OUT current source sense voltage
V
PP1 – 0.75
V
PP1 – 1.00
V
PP1 – 1.25
V
V
PP1 – 0.67
V
PP1 – 1.31
T
A = -40°C to +85°C
V
nsen
HV
OUT current sink sense voltage
V
NN1 + 0.75
V
NN1 + 1.00
V
NN1 + 1.25
V
V
NN1 + 0.65
V
NN1 + 1.33
T
A = -40°C to +85°C
t
shortP
HV
OUT off delay time when current
100
ns
source sense is activated
t
shortN
HV
OUT off delay time when current
100
ns
sink sense is activated
High Voltage Output
Symbol Parameters
Min
Typ
Max
Unit
Conditions
Electrical Characteristics
(Over operating supply voltage unless otherwise specified, TA = 25°C.)
Comparator
Symbol Parameters
Min
Typ
Max
Unit
Conditions
V
OS
Input offset voltage
4
mV
I
IN
Input bias current
500
nA
V
IN
Input voltage range
V
DD2 – 2
V
A
V
Voltage gain
80
dB
t
res
Response time
80
ns
Operational Amplifier 1, 2, and 3
Symbol Parameters
Min
Typ
Max
Unit
Conditions
V
OS
Input offset voltage
5
mV
I
IN
Input bias current
500
nA
V
IN
Input voltage range
1
V
DD2 – 1
V
V
OUT
Output voltage swing
0.5
V
DD2 – 1
V
I
SOURCE
Output source current
3
mA
I
SINK
Output sink current
-2.75
mA
A
O
DC open loop gain
70
85
dB
BW
Bandwidth
100
KHz
SR
Output slew rate
0.3
V/µs
HV441



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com