Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSM6 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # HSM6
Description  5.0V Surface Mount Crystal Clock Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

HSM6 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  HSM6 Datasheet HTML 1Page - Connor-Winfield Corporation HSM6 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice. All dimensions in inches. © Copyright 1998 The Connor-Winfield Corporation
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
SM036
Page
2 of 2
Revision
13
Date
18 Dec 2007
Pin Connections
1: Enable/Disable
2: Ground
3: Output
4: Vcc
OSCILLOSCOPE
FREQ
COUNTER
OSC
POWER
SUPPLY
INPUT FOR E/D
PROBE
Meets EIA-481A and EIAJ-1009B
2,000 PCS/Reel
Bypass capacitor, C-by, should be
ceramic capacitor ≥ .01 uf
SYMMETRY
Soldering
General Conditions 260°C max x 10 sec max x 2 times max or
230°C max x 180 sec max x 1 time
Typical Operation Data
(Vapor phase reflow)
20 to 100 sec up to 215°C, 50 sec
at 215°C, then down to room temperature per 1 to 5°C / sec
Environmental Characteristics
Temperature Cycle
The specimen shall meet electrical characteristics after
tested 5 cycles of -55°C / 30 minutes and +125°C / 30 minutes
Hermetical
No bubbles appear in Flourinert (FC-43) at 125°C ±5°C for 5 minutes
Solvent Resistance
Marking will withstand immersion in
Isopropyl Alcohol or Trichloroethylene
Suggested Pad Layout
Ordering Information
Mechanical Characteristics
Mechanical Shock
MIL STD 883 Method 2002
Vibration
The specimen shall meet electrical characteristics after tested
by the following conditions: 10-55Hz 1.5mm Amplitude,
55-2000 Hz 20 G's, 2 hours for each plane
Thermal Shock
After applied Thermal Shock of 260°C
max x 10 sec max x 2 times, or 230°C max x 180 sec max,
the specimen shall meet electrical characteristics
Solderability
(EIAJ-RCX-0102.101 Condition 1a)
1) Flux: MIL-F-14256 (WW Rosin=25%, Isopropyl Alcohol = 75%)
2) Solder: QQ-S-571 (Sn = 63%, Pb = 37%)
3) Solder bath temperature: 235°C ±5°C
4) Depth of immersion: Up to electrical terminal
5) Immersing time: Within 2 sec ±0.5 sec into solder bath
After performing the above procedures, a newly soldered coverage shall be greater than 90%
After performing the above procedures, a newly soldered coverage shall be greater than 90%
After performing the above procedures, a newly soldered coverage shall be greater than 90%
After performing the above procedures, a newly soldered coverage shall be greater than 90%
After performing the above procedures, a newly soldered coverage shall be greater than 90%
Test Circuit
Output Waveform
Tape and Reel Dimensions
Package Characteristics
Package
Hermetically sealed ceramic package and metal cover
Dimensional Tolerance: ±.02" (.508mm)
±.005" (.127mm)
HSM
6
1
044.736M
Type:
Temperature
Range:
Frequency
Tolerance:
Supply
Voltage:
Output Frequency:
Clock
7.5x5.0mm
Package
6 = -40 to 85˚C
1 = ± 25 ppm
2 = ± 50 ppm
3 = ± 100 ppm
Omit = 5.0 Vdc
Frequency Format
-xxx.xM Minimum *
-xxx.xxxxxxM Maximum*
*Amount of numbers after the decimal point.
M = MHz
Example: To Order an HSM61 with an output frequency of:
4 MHz = HSM61-004.0M
44.736 MHz = HSM61-044.736M
125 MHz = HSM61-125.0M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com