Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV4530X Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV4530X
Description  32-Channel Serial To Parallel Converter with P-Channel Open Drain Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV4530X Datasheet(HTML) 1 Page - Supertex, Inc

  HV4530X Datasheet HTML 1Page - Supertex, Inc HV4530X Datasheet HTML 2Page - Supertex, Inc HV4530X Datasheet HTML 3Page - Supertex, Inc HV4530X Datasheet HTML 4Page - Supertex, Inc HV4530X Datasheet HTML 5Page - Supertex, Inc HV4530X Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
03/13/02
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
Features
❑ Processed with HVCMOS Technology
❑ Output voltages to -300V
❑ Source current minimum 60 mA
❑ Shift register speed 8 MHz
❑ Polarity and blanking inputs
❑ CMOS compatible inputs
❑ Forward and reverse shifting options
❑ 44-lead plastic and ceramic surface mount packages
❑ Hi-Rel processing available
❑ Can be used with the HV55 and HV56 to provide 300V
push pull operation
General Description
The HV45 and HV46 are low-voltage serial to high-voltage
parallel converters with P-Channel open drain outputs. These
devices have been designed for use as drivers for AC-electrolu-
minescent displays. They can also be used in any application
requiring multiple output high-voltage current source capabilities
such as driving inkjet and electrostatic print heads, plasma
panels, or vacuum fluorescent displays.
These devices consist of a 32-bit shift register, 32 data latches,
and control logic to perform polarity and blanking functions. Data
is shifted through the shift register on the logic high-to-low
transition of the clock. The HV45 shifts in the counterclockwise
direction when viewed from the top of the package and the HV46
shifts in the clockwise direction. A data output buffer is provided
for cascading devices. This output reflects the current status of
the last bit of the shift register. The data in the shift register is
latched when the latch enable pin is brought to logic high and then
returned to ground. If the latch enable pin is held high, the latch
becomes transparent and the shift register data is directly re-
flected in the outputs.
For applications requiring active pull down as well as pull up, the
HV45 and HV46 can be paired with the HV55 and HV56 devices,
respectively.
Absolute Maximum Ratings1
Supply voltage, VDD
+0.5V to -16V
Off state output voltage
HV4630
+0.5V to -315V
HV4622
+0.5V to -240V
Logic input levels
+0.5V to VDD - 0.3V
Ground current2
1.5A
Continuous total power dissipation 3
1200mW
Operating temperature range
-40°C to +85°C
Storage temperature range
-65°C to +150°C
Lead temperature 1.6mm (1/16 inch)
260°C
from case for 10 seconds
Notes:
1. All voltages are referenced to VSS.
2. Duty cycle is limited by the total power dissipated in the package.
3. For operation above 25°C ambient derate linearly to maximum operating
temperature at 20mW/°C for plastic and at 15mW/°C for ceramic.
HV4530
HV4630
32-Channel Serial To Parallel Converter
with P-Channel Open Drain Outputs
Package Options
44 J-Lead Quad
44 Quad Plastic
Die
Plastic Chip Carrier
Gullwing
HV4530
-300
HV4530PJ
HV4530PG
HV4530X
HV4630
-300
HV4630PJ
HV4630PG
HV4630X
Ordering Information
Recommended
Device
Operating
V
PP Max


Similar Part No. - HV4530X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV450 SUTEX-HV450 Datasheet
84Kb / 4P
High-Voltage Ring Generator
HV450WG SUTEX-HV450WG Datasheet
84Kb / 4P
High-Voltage Ring Generator
HV4522 SUTEX-HV4522 Datasheet
49Kb / 6P
32 CHANNEL SERIAL TO PARALLEL CONVERTER WITH P CHANNEL OPEN DRAIN OUTPUTS
HV4522 SUTEX-HV4522 Datasheet
628Kb / 6P
32-Channel Serial to Parallel Converter with P-Channel Open Drain Outputs
HV4522DJ SUTEX-HV4522DJ Datasheet
49Kb / 6P
32 CHANNEL SERIAL TO PARALLEL CONVERTER WITH P CHANNEL OPEN DRAIN OUTPUTS
More results

Similar Description - HV4530X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
32-Channel Serial To Parallel Converter With Open Drain Outputs
HV4522 SUTEX-HV4522 Datasheet
49Kb / 6P
32 CHANNEL SERIAL TO PARALLEL CONVERTER WITH P CHANNEL OPEN DRAIN OUTPUTS
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
32-Channel Serial To Parallel Converter With Open Drain Outputs
HV4522PJ-G SUTEX-HV4522PJ-G Datasheet
628Kb / 6P
32-Channel Serial to Parallel Converter with P-Channel Open Drain Outputs
HV5122PJ-G SUTEX-HV5122PJ-G Datasheet
856Kb / 10P
32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530PJ-G SUTEX-HV5530PJ-G Datasheet
690Kb / 8P
32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5622 SUTEX-HV5622_13 Datasheet
800Kb / 8P
32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
32-Channel Serial to Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com