Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS-100 Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # STS-100
Description  Synchronous Timing Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STS-100 Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  STS-100 Datasheet HTML 1Page - Connor-Winfield Corporation STS-100 Datasheet HTML 2Page - Connor-Winfield Corporation STS-100 Datasheet HTML 3Page - Connor-Winfield Corporation STS-100 Datasheet HTML 4Page - Connor-Winfield Corporation STS-100 Datasheet HTML 5Page - Connor-Winfield Corporation STS-100 Datasheet HTML 6Page - Connor-Winfield Corporation STS-100 Datasheet HTML 7Page - Connor-Winfield Corporation STS-100 Datasheet HTML 8Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet #: TM026
Page 3 of 8
Rev: P03
Date: 4/25/06
© Copyright 2006 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Recommended Operating Conditions
Table 2
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
cc
Power Supply Voltage
3.0
3.3
3.6
Volts
I
IN
Power Supply Current (Power-up)
650
750
mA
(Typical)
450
550
mA
T
OP
Operating Temperature
0
70
°C
V
IH
High level input voltage - TTL/CMOS
Refer to Semtech’s data sheet for ACS8530 SETS
V
IL
Low level input voltage - TTL/CMOS
Refer to Semtech’s data sheet for ACS8530 SETS
V
IH
High level input voltage - AMI
Refer to Semtech’s data sheet for ACS8530 SETS
V
IL
Low level input voltage - AMI
Refer to Semtech’s data sheet for ACS8530 SETS
V
IH
High level input voltage - LVPECL/LVDS
Refer to Semtech’s data sheet for ACS8530 SETS
V
IL
Low level input voltage - LVPECL/LVDS
Refer to Semtech’s data sheet for ACS8530 SETS
Specifications
Table 4
Parameter
Specifications
Notes
Input Frequency Range
2kHz,8kHz,64kHz,1.544MHz, 2.048MHz, 6.48MHz-155.52MHz
Output Frequency Range
2kHz,8kHz,64kHz,1.544MHz, 2.048MHz, 6.48MHz-311.04MHz
Timing Reference Inputs
GR-1244-CORE 3.2.1
Jitter, Wander and Phase Transient Tolerances
GR-1244-CORE 4.2-4.4, GR-253-CORE 5.4.4.3.6
Wander Generation
GR-1244-CORE 5.3, GR-253-CORE 5.4.4.3.2
Wander Transfer
GR-1244-CORE 5.4
Jitter Generation
GR-1244-CORE 5.5, GR-253-CORE 5.6.2.3
Jitter Transfer
GR-1244-CORE 5.5, GR-253-CORE 5.6.2.1
Phase Transients
GR-1244-CORE 5.6, GR-253-CORE 5.4.4.3.3
Free Run Accuracy
±4.6 ppm
Pull-in/ Hold-in Range
±17 ppm from Free Run frequency
Absolute Maximum Rating
Table 1
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
CC
Power Supply Voltage
-0.5
3.6
Volts
V
I
Input Voltage
3.6
Volts
V
O
Output Voltage
3.6
Volts
T
s
Storage Temperature
-40
85
°C
DC Characteristics - Outputs
Table 3
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
OH
High level output voltage, TTL/CMOS
Refer to Semtech’s data sheet for ACS8530 SETS
V
OL
Low level output voltage, TTL/CMOS
Refer to Semtech’s data sheet for ACS8530 SETS
V
OH
High level output voltage, AMI
Refer to Semtech’s data sheet for ACS8530 SETS
V
OL
Low level output voltage, AMI
Refer to Semtech’s data sheet for ACS8530 SETS
V
OH
High level output voltage, LVPECL/LVDS
Refer to Semtech’s data sheet for ACS8530 SETS
V
OL
Low level output voltage, LVPECL/LVDS
Refer to Semtech’s data sheet for ACS8530 SETS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com