Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB25SFM2 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # DB25SFM2
Description  D-SUBMINIATURE IDC FLAT CABLE TERMINATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DB25SFM2 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  DB25SFM2 Datasheet HTML 1Page - Adam Technologies, Inc. DB25SFM2 Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
92
INTRODUCTION:
Adam Tech Flat Cable IDC D-Sub connectors are a popular interface
for many I/O and cable assembly applications. Offered in 9, 15, 25,
37 and 50 positions they are an excellent choice for a low cost
industry standard connection that terminates .050” flat cable quickly,
easily and compactly. These connectors are manufactured with
precision stamped contacts offering a choice of contact plating and a
wide selection of mating and mounting options.
FEATURES:
Quickly terminates to flat cable
Industry standard compatibility
Durable metal shell design
Integral strain relief available
Precision formed contacts
Variety of Mating and mounting options
MATING CONNECTORS:
Adam Tech D-Subminiatures and all industry standard
D-Subminiature connectors.
SPECIFICATIONS:
Material:
Insulator: PBT, 30% glass reinforced, rated UL94V-0
Insulator Colors: Black (Blue optional)
Contacts: Phosphor Bronze
Shell: Steel, Tin or Zinc plated
Hardware: Brass, Nickel plated
Contact Plating:
Gold Flash (15 and 30 µin Optional) over Nickel underplate, Nickel
over copper underplate on IDC area
Electrical:
Operating voltage: 250V AC / DC max.
Current rating: 5 Amps max.
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 0.75 lbs max
Extraction force: 0.44 lbs min
Recommended cable size: 28 to 30 Awg.
Temperature Rating:
Operating temperature: -65°C to +125°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
D-SUBMINIATURE
IDC FLAT CABLE TERMINATION
DPF & DSF SERIES
ORDERING INFORMATION
DB25
SF
M
2
SHELL SIZE/
POSITIONS
DE09 =
9 Position
DA15 = 15 Position
DB25 = 25 Position
DC37 = 37 Position
DD50 = 50 Position
CONTACT TYPE
PF = Plug, IDC
SF = Socket, IDC
Strain Relief
Part No.:
DSR - xx
(xx = No. of Positions)
BODY
CONSTRUCTION
M = Metal shell
P = All plastic body
MOUNTING OPTIONS
1 = .130" mounting holes
2 = #4-40 threaded
flush inserts
(Metal Shell only)
OPTIONS:
Add designator(s) to end of part number
15
= 15 µin. gold in contact area
30
= 30 µin. gold in contact area
BU = Blue color insulator
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - DB25SFM2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DB25SF179 ITT-DB25SF179 Datasheet
33Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
More results

Similar Description - DB25SFM2

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MR36-PF-2 ADAM-TECH-MR36-PF-2 Datasheet
136Kb / 1P
MINIATURE RIBBON IDC FLAT CABLE TERMINATION
SCA68SFSG ADAM-TECH-SCA68SFSG Datasheet
119Kb / 1P
SCA CONNECTOR IDC FLAT CABLE TERMINATION
SCA-68-PF-SG ADAM-TECH-SCA-68-PF-SG Datasheet
123Kb / 1P
SCA CONNECTOR IDC FLAT CABLE TERMINATION
DXXX-PF-M1 ADAM-TECH-DXXX-PF-M1 Datasheet
107Kb / 1P
IDC FLAT CABLE D-SUB PLUG
DXXX-PF-M2 ADAM-TECH-DXXX-PF-M2 Datasheet
126Kb / 1P
IDC FLAT CABLE D-SUB PLUG
DXXX-PF-P1 ADAM-TECH-DXXX-PF-P1 Datasheet
111Kb / 1P
IDC FLAT CABLE D-SUB PLUG
DXXX-SF-M1 ADAM-TECH-DXXX-SF-M1 Datasheet
120Kb / 1P
IDC FLAT CABLE D-SUB SOCKET
DXXX-SF-M1-NIS ADAM-TECH-DXXX-SF-M1-NIS Datasheet
96Kb / 1P
IDC FLAT CABLE D-SUB SOCKET
DXXX-SF-M-2 ADAM-TECH-DXXX-SF-M-2 Datasheet
116Kb / 1P
IDC FLAT CABLE D-SUB SOCKET
DXXX-SF-M2-30 ADAM-TECH-DXXX-SF-M2-30 Datasheet
115Kb / 1P
IDC FLAT CABLE D-SUB SOCKET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com