Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE09ST2 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # DE09ST2
Description  D-SUBMINIATURE STRAIGHT & WIRE WRAP PCB TAIL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DE09ST2 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  DE09ST2 Datasheet HTML 1Page - Adam Technologies, Inc. DE09ST2 Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
78
INTRODUCTION:
Adam Tech Straight PCB tail D-Sub connectors are a popular
interface for many I/O applications. Offered in 9, 15, 25, 37 and 50
positions they are an excellent choice for a low cost, sturdy, full metal
body industry standard connection. These connectors are
manufactured with precision stamped or machined turned contacts
offering a choice of contact plating and a wide selection of mating
and mounting options.
FEATURES:
Industry standard compatibility
Durable metal shell design
Precision formed contacts
Variety of Mating and mounting options
MATING CONNECTORS:
Adam Tech D-Subminiatures and all industry standard
D-Subminiature connectors.
SPECIFICATIONS:
Material:
Standard insulator: PBT, 30% glass reinforced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T
Insulator Colors: Black (White optional)
Contacts: Phosphor Bronze
Shell: Steel, Tin or Zinc plated
Hardware: Brass, Nickel plated
Contact Plating:
Gold Flash (15 and 30 µin Optional) over Nickel underplate overall
Electrical:
Operating voltage: 250V AC / DC max.
Current rating: 5 Amps max.
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Insertion force: 0.75 lbs max
Extraction force: 0.44 lbs min
Temperature Rating:
Operating temperature: -65°C to +125°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
D-SUBMINIATURE
STRAIGHT & WIRE WRAP PCB TAIL
DPT, DST, DPE & DSE SERIES
OPTIONS:
Add designator(s) to end of part number
15 = 15 µin gold plating in contact area
30 = 30 µin gold plating in contact area
EMI = Ferrite filtered version for EMI / RFI
suppression (Page 72)
HT = Hi-Temp insulator for hi-temp soldering
processes up to 260°C
ORDERING INFORMATION
DB25
SL
SHELL SIZE/
POSITIONS
DE
09 =
9 Position
DA
15 = 15 Position
DB
25 = 25 Position
DC
37 = 37 Position
DD
50 = 50 Position
CONTACT TYPE
PT = Plug, Straight PCB
Tail, Standard Profile
ST = Socket, Straight
PCB Tail, Standard
Profile
PE = Plug, Straight PCB
Tail, High Profile
SE = Socket, Straight
PCB Tail, High
Profile
MOUNTING OPTIONS
Blank = .120"Mounting
Holes
SL = Bottom side
riveted #4-40
Clinch Nuts
JS = Top side
riveted #4-40
Jackscrews
BL = Riveted #4-40
Internal Threaded
Standoffs with
Boardlocks
R = Riveted Round
Jack Screws
JSL = Bottom side
riveted #4-40
Clinch Nuts with
Jack Screws
installed
TERMINAL LENGTH
1 = Standard tail length for
.062" thru .125" PCB’s
(E
= .189”)
2 = Wire wrap tail
(
E
= .512”)
ST
1
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - DE09ST2

ManufacturerPart #DatasheetDescription
logo
FCI connector
DE09S065TLF-ND FCI-CONNECTOR-DE09S065TLF-ND Datasheet
75Kb / 1P
MALE CONNECT. DELTA D RIGHT ANGLE SCREWLOCK.HARPOON & METAL PLATE
DE09S065TLF-ND FCI-CONNECTOR-DE09S065TLF-ND Datasheet
91Kb / 1P
MALE CONNECT DELTA D RIGHT ANGLE SPILL WITHOUT ACCESSORIES.
DE09S065TLF-ND FCI-CONNECTOR-DE09S065TLF-ND Datasheet
66Kb / 1P
MALE CONNECT. DELTA D RIGHT ANGLED SPILL WITHOUT ACCESSORIES
DE09S065TLF-ND FCI-CONNECTOR-DE09S065TLF-ND Datasheet
99Kb / 1P
MALE CONNECT. DELTA D RIGHT ANGLED SCREWLOCK, HARPOON&METAL PLATE
DE09S065TLF-ND FCI-CONNECTOR-DE09S065TLF-ND Datasheet
102Kb / 1P
MALE CONNECT. DELTA D RIGHT ANGLED WITH NUT, HARPOON&METAL PLATE
More results

Similar Description - DE09ST2

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
423-91-216-41-001 PREDIP-423-91-216-41-001 Datasheet
63Kb / 1P
PCB connectors 2.54 mm Single row / double row / wire-wrap 1/2/3/4 level / wire-wrap solder tail
460-10-216-00-001 PREDIP-460-10-216-00-001 Datasheet
70Kb / 1P
PCB Header Strips Single row / double row Wire-wrap / solder tail
803-91-016-10-004 PREDIP-803-91-016-10-004 Datasheet
57Kb / 1P
PCB connectors 2.54 mm Single row / double row Wire-wrap / solder tail
logo
ITT Industries
PCB-D ITT-PCB-D Datasheet
65Kb / 1P
D Subminiature Straight
logo
Adam Technologies, Inc.
DB25-PE-1 ADAM-TECH-DB25-PE-1 Datasheet
121Kb / 1P
D-SUBMINIATURE HIGH PROFILE STRAIGHT PCB TAIL
DB25SAM2 ADAM-TECH-DB25SAM2 Datasheet
257Kb / 2P
D-SUBMINIATURE FLUSH MOUNT STRAIGHT PCB TAIL
DXXX-PT-2-BL-EMI ADAM-TECH-DXXX-PT-2-BL-EMI Datasheet
90Kb / 1P
D-SUB MALE STRAIGHT EMI WIRE WRAP TAILS
DXXX-ST-2-JS ADAM-TECH-DXXX-ST-2-JS Datasheet
122Kb / 1P
D-SUB SOCKET WIRE WRAP TAIL
DXXX-ST-2-SL ADAM-TECH-DXXX-ST-2-SL Datasheet
141Kb / 1P
D-SUB SOCKET WIRE WRAP TAIL
logo
Aries Electronics, Inc.
503 ARIES-503 Datasheet
658Kb / 1P
Available with Solder Tail or Wire Wrap Pins
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com