Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3994 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC3994
Description  800V/25A Switching Regulator Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC3994 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC3994 Datasheet HTML 1Page - Sanyo Semicon Device 2SC3994 Datasheet HTML 2Page - Sanyo Semicon Device 2SC3994 Datasheet HTML 3Page - Sanyo Semicon Device 2SC3994 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC3994
No.2828–2/4
Switching Time Test Circuit
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
t
a
s
(
E
C
IC
I
,
A
2
1
=
B
A
4
.
2
=
0
.
2V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV
)
t
a
s
(
E
B
IC
I
,
A
2
1
=
B
A
4
.
2
=
5
.
1V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
)
R
B
(
IC
I
,
A
m
1
=
E 0
=0
0
1
1V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
)
R
B
(
IC
R
,
A
m
0
1
=
E
B =∞
0
0
8V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
)
R
B
(
IE
I
,
A
m
1
=
C 0
=7
V
e
g
a
t
l
o
V
n
i
a
t
s
u
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
s
u
s
(
X
E
C
IC
I
,
A
2
1
=
1
B
I
–
=
2
B
d
e
p
m
a
l
c
,
H
µ
0
5
=
L
,
A
4
.
2
–
=0
0
8V
e
m
i
T
N
O
-
n
r
u
Tt n
o
V C
C
I
5
,
V
0
0
4
=
1
B
I
5
.
2
–
=
2
B
I
= C
R
,
A
0
2
=
L
0
2
=
Ω
5
.
0s
µ
e
m
i
T
e
g
a
r
o
t
St g
t
s
V C
C
I
5
,
V
0
0
4
=
1
B
I
5
.
2
–
=
2
B
I
= C
R
,
A
0
2
=
L
0
2
=
Ω
0
.
3s
µ
e
m
i
T
ll
a
Ftf
V C
C
I
5
,
V
0
0
4
=
1
B
I
5
.
2
–
=
2
B
I
= C
R
,
A
0
2
=
L
0
2
=
Ω
3
.
0s
µ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com