Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M9004P Datasheet(PDF) 1 Page - MTRONPTI

Part # M9004P
Description  LVPECL/LVDS/CMOS Frequency Translator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M9004P Datasheet(HTML) 1 Page - MTRONPTI

  M9004P Datasheet HTML 1Page - MTRONPTI M9004P Datasheet HTML 2Page - MTRONPTI M9004P Datasheet HTML 3Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 9-18-07
M9004 Series
LVPECL/LVDS/CMOS Frequency Translator
The MtronPTI Frequency Translator is a miniature, self
contained, high performance Phase Locked Loop syn-
thesizer. It is intended for coherent frequency translation
with noise reduction. It can be used anywhere accurate
frequency synchronization, multiplication and noise and
jitter reduction is needed. Based on MtronPTI’s unique
Qik Chip technology, virtually any input frequency in the
range of 8 KHz to 622 MHz can be translated to any
frequency in the range of 19.44MHz to 1.4 GHz. The
M9004 Series features a loss of lock indicator that can
also be used to detect a loss of reference. An enable/dis-
able function is also standard. Outputs at PECL, LVDS
and CMOS levels are available.
Applications include:
Translation of 155 MHz to 622 or 1244 MHz
•
(Sonet/SDH synchronization)
Translation of 1.544 MHz to 38.88 or 155.52
•
MHz.
(DS1 to SDH synchronization)
Custom frequency translation up to 1.4 GHz.
•
Jitter reduction.
•
Phase noise improvement
•
Frequency distribution applications.
•


Similar Part No. - M9004P

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
M900 TTELEC-M900 Datasheet
407Kb / 3P
Custom circuit schematics available
logo
fujitsu semiconductor
M9000 FUJITSU-M9000 Datasheet
233Kb / 8P
Fujitsu SPARC Enterprise M9000 server
logo
E-SWITCH
M900000 E-SWITCH-M900000 Datasheet
30Kb / 1P
1. GOLD PLATING: 2.5 MICRO INCHES MINIMUM
logo
MTRONPTI
M9002 MTRONPTI-M9002 Datasheet
330Kb / 1P
SMT TCXO Module
logo
Keysight Technologies
M9005A KEYSIGHT-M9005A Datasheet
1Mb / 9P
Integrated System Module, 5-slots, 3U
More results

Similar Description - M9004P

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
Maxim Integrated Produc...
MAX9376 MAXIM-MAX9376 Datasheet
151Kb / 7P
LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 0; 4/03
MAX9375 MAXIM-MAX9375 Datasheet
135Kb / 6P
Single LVDS/Anything-to-LVPECL Translator
Rev 0; 4/03
logo
Texas Instruments
SN65LVDS20 TI-SN65LVDS20 Datasheet
400Kb / 15P
LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
logo
ON Semiconductor
NB100ELT23L ONSEMI-NB100ELT23L_07 Datasheet
84Kb / 8P
3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
March, 2007 ??Rev. 8
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
Semtech Corporation
SK1300 SEMTECH-SK1300 Datasheet
117Kb / 6P
PECL / LVPECL to LVDS Translator
logo
Maxim Integrated Produc...
MAX9376 MAXIM-MAX9376_09 Datasheet
110Kb / 8P
LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 1; 10/09
logo
Texas Instruments
SN65LVDS20DRFR TI1-SN65LVDS20DRFR Datasheet
646Kb / 19P
LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
SN65LVDS20 TI1-SN65LVDS20_15 Datasheet
609Kb / 19P
LVPECL AND LVDS REPEATER/TRANSLATOR WITH ENABLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com