Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6419DB04ML Datasheet(PDF) 22 Page - Torex Semiconductor

Part # XC6419DB04ML
Description  Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419DB04ML Datasheet(HTML) 22 Page - Torex Semiconductor

Back Button XC6419DB04ML Datasheet HTML 18Page - Torex Semiconductor XC6419DB04ML Datasheet HTML 19Page - Torex Semiconductor XC6419DB04ML Datasheet HTML 20Page - Torex Semiconductor XC6419DB04ML Datasheet HTML 21Page - Torex Semiconductor XC6419DB04ML Datasheet HTML 22Page - Torex Semiconductor XC6419DB04ML Datasheet HTML 23Page - Torex Semiconductor XC6419DB04ML Datasheet HTML 24Page - Torex Semiconductor XC6419DB04ML Datasheet HTML 25Page - Torex Semiconductor XC6419DB04ML Datasheet HTML 26Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
22/29
XC6419 Series
(10) 負荷過渡応答特性例
XC6419(VOUT1=0.8V) VR1
0.60
0.65
0.70
0.75
0.80
0.85
Time (200μs/div)
0
50
100
150
200
250
50mA
0.1mA
Output Current
Output Voltage
VIN=1.8V, tr=tf=5μs, Ta=25℃
IOUT1=0.1→50mA, CIN=CL1=2.2μF(ceramic)
XC6419(VOUT1=1.5V) VR1
1.30
1.35
1.40
1.45
1.50
1.55
Time (200μs/div)
0
50
100
150
200
250
50mA
0.1mA
Output Current
Output Voltage
VIN=2.5V, tr=tf=5μs, Ta=25℃
IOUT1=0.1→50mA, CIN=CL1=1.0μF(ceramic)
XC6419(VOUT1=2.8V) VR1
2.60
2.65
2.70
2.75
2.80
2.85
Time (200μs/div)
0
50
100
150
200
250
50mA
0.1mA
Output Current
Output Voltage
VIN=3.8V, tr=tf=5μs, Ta=25℃
IOUT1=0.1→50mA, CIN=CL1=1.0μF(ceramic)
XC6419(VOUT2=0.8V) VR2
0.60
0.65
0.70
0.75
0.80
0.85
Time (200μs/div)
0
50
100
150
200
250
50mA
0.1mA
Output Current
Output Voltage
VIN=1.8V, tr=tf=5μs, Ta=25℃
IOUT2=0.1→50mA, CIN=CL2=2.2μF(ceramic)
XC6419(VOUT2=1.5V) VR2
1.30
1.35
1.40
1.45
1.50
1.55
Time (200μs/div)
0
50
100
150
200
250
50mA
0.1mA
Output Current
Output Voltage
VIN=2.5V, tr=tf=5μs, Ta=25℃
IOUT2=0.1→50mA, CIN=CL2=1.0μF(ceramic)
XC6419(VOUT2=2.8V) VR2
2.60
2.65
2.70
2.75
2.80
2.85
Time (200μs/div)
0
50
100
150
200
250
50mA
0.1mA
Output Current
Output Voltage
VIN=3.8V, tr=tf=5μs, Ta=25℃
IOUT2=0.1→50mA, CIN=CL2=1.0μF(ceramic)
(10) Load Transient Response
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com