Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV826 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV826
Description  High Voltage EL Lamp Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV826 Datasheet(HTML) 4 Page - Supertex, Inc

  HV826 Datasheet HTML 1Page - Supertex, Inc HV826 Datasheet HTML 2Page - Supertex, Inc HV826 Datasheet HTML 3Page - Supertex, Inc HV826 Datasheet HTML 4Page - Supertex, Inc HV826 Datasheet HTML 5Page - Supertex, Inc HV826 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
IIN, VCS, Brightness vs. Inductor Value
0
10
20
30
40
50
60
70
80
90
100
220
330
560
900
Inductor Value (µH)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Vdd = 3.0V
Vin = 1.5V
IIN vs. VCS
0
10
20
30
40
60
70
80
90
VCS (V)
Brightness vs. VIN
0
2
4
6
8
12
34
VIN (V)
IIN vs. VIN
0
10
20
30
40
1234
VIN (V)
VCS vs. VIN
0
20
40
60
80
100
12
34
VIN (V)
Typical Performance Curves for Figure 1 (1.6 in.2 lamp)
VDD = 3.0V
VIN = 1.5V
HV826



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com