Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9113 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9113
Description  High-Voltage Current-Mode PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9113 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9113 Datasheet HTML 1Page - Supertex, Inc HV9113 Datasheet HTML 2Page - Supertex, Inc HV9113 Datasheet HTML 3Page - Supertex, Inc HV9113 Datasheet HTML 4Page - Supertex, Inc HV9113 Datasheet HTML 5Page - Supertex, Inc HV9113 Datasheet HTML 6Page - Supertex, Inc HV9113 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HV9110/HV9112/HV9113
PWM
D
MAX
Maximum Duty Cycle1
HV9110/12
49.0
49.4
49.6
%
HV9113
95
97
99
Deadtime1
HV9113
225
nsec
D
MIN
Minimum Duty Cycle
0
%
Minimum Pulse Width
80
125
nsec
Before Pulse Drops Out1
Current Limit
Maximum Input Signal
1.0
1.2
1.4
V
VFB = 0V
t
d
Delay to Output1
80
120
ns
V
SENSE = 1.5V, VCOMP ≤ 2.0V
Oscillator
f
MAX
Oscillator Frequency
1.0
3.0
MHz
R
OSC = 0Ω
fOSC
Initial Accuracy2
80
100
120
KHz
ROSC = 330KΩ
160
200
240
R
OSC = 150KΩ
Voltage Stability
15
%
9.5V < V
DD <13.5V
Temperature Coefficient1
170
ppm/
°CT
A = -55°C to 125°C
Reference
VREF
Output Voltage
HV9110/13
3.92
4.00
4.08
V
RL = 10MΩ
HV9112
3.88
4.00
4.12
HV9110/13
3.82
4.00
4.16
R
L = 10MΩ,
TA = -55°C to 125°C
Z
OUT
Output Impedance1
15
30
45
K
Ω
I
SHORT
Short Circuit Current
125
250
µAV
REF = -VIN
∆V
REF
Change in VREF with Temperature
1
0.25
mV/
°CT
A = -55°C to 125°C
Electrical Characteristics
(Unless otherwise specified, V
DD = 10V, +VIN = 48V, Discharge = -VIN = 0V, RBIAS = 390KΩ, ROSC = 330KΩ,TA = 25°C.)
Symbol Parameters
Min
Typ
Max
Unit
Conditions
Error Amplifier
V
FB
Feedback Voltage
HV9110/13
3.96
4.00
4.04
V
V
FB Shorted to Comp
HV9112
3.92
4.00
4.08
I
IN
Input Bias Current
25
500
nA
V
FB = 4.0V
V
OS
Input Offset Voltage
nulled during trim
except HV9111
AVOL
Open Loop Voltage Gain1
60
80
dB
GB
Unity Gain Bandwidth1
1.0
1.3
MHz
Z
OUT
Output Impedance1
see Fig. 1
Ω
ISOURCE Output Source Current
-1.4
-2.0
mA
VFB = 3.4V
I
SINK
Output Sink Current
0.12
0.15
mA
V
FB = 4.5V
PSRR
Power Supply Rejection1
see Fig. 2
dB
Notes:
1. Guaranteed by design. Not subject to production test.
2. Stray capacitance on OSC In pin must be
≤5pF.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com