Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPL1CP6 Datasheet(PDF) 3 Page - Adam Technologies, Inc.

Part # RPL1CP6
Description  RELAY POWER RELAY LARGE SIZE-TYPE RPL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RPL1CP6 Datasheet(HTML) 3 Page - Adam Technologies, Inc.

  RPL1CP6 Datasheet HTML 1Page - Adam Technologies, Inc. RPL1CP6 Datasheet HTML 2Page - Adam Technologies, Inc. RPL1CP6 Datasheet HTML 3Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
64
RELAY
POWER RELAY LARGE SIZE-TYPE RPL
R SERIES
NC
NO
1.063
[27.00]
MAX
1.300
[33.00]
MAX
1.141
[29.00]
MAX
.157 [4.00]
1 FORM C
1 FORM A
.400
[10.16]
.700
[17.78]
.100
[2.54]
.300
[7.62]
.500
[12.70]
ø.078
[2.00] 2X
ø.071
[1.80]
ø.082
[2.10]
V DC
Voltage
Max allowable
Nominal
Operating Power
mW
(±10%)
Coil Resistance
Drop-out
Voltage
V DC (min.)
Pick-up Voltage
V DC (max.)
V DC
Voltage
Nominal
ø.082
[2.10]
ø.071
[1.80]
ø.078
[2.00]
.500
[12.70]
.100
[2.54]
.700
[17.78]
.400
[10.16]
1 FORM C
SCHEMATIC
SCHEMATIC
1 FORM A
NO
COM
COM
NC
NO
TOP VIEW
TOP VIEW
BOTTOM VIEW
BOTTOM VIEW
.187 Q.C. TYP.
9
6.75
0.9
101
900
10.8
52.8
900
2,560
4.8
36
48
6.6
26.4
13.2
6
900
900
900
900
40
640
160
31
0.6
2.4
1.2
0.5
4.5
18
9
3.75
5
12
24
6
RPL SERIES (TOP CONTACTS)
Recommended PCB Layout
1FormA
Recommended PCB Layout
1 Form C
Schematic
1 Form A
Schematic
1 Form C
RPL-1C-TCN-12



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com