Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9708 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV9708
Description  32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9708 Datasheet(HTML) 1 Page - Supertex, Inc

  HV9708 Datasheet HTML 1Page - Supertex, Inc HV9708 Datasheet HTML 2Page - Supertex, Inc HV9708 Datasheet HTML 3Page - Supertex, Inc HV9708 Datasheet HTML 4Page - Supertex, Inc HV9708 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
02/96/022
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
Device
44 J-Lead Quad
Die
Plastic Chip Carrier
in waffle pack
HV9708
HV9708PJ
HV9708X
HV9808
HV9808PJ
HV9808X
Ordering Information
32-Channel Serial To Parallel Converter
With High Voltage Push-Pull Outputs
Features
❏ Processed with HVCMOS® technology
❏ Output voltages up to 80V
❏ Low power level shifting
❏ Shift register speed 8MHz
❏ Latched data outputs
❏ Forward and reverse shifting options
❏ Diode to V
PP allows efficient power recovery
❏ 5V CMOS compatible inputs
HV9708
HV9808
General Description
The HV97 and HV98 are low-voltage serial to high-voltage paral-
lel converters with push-pull outputs. These devices have been
designed for use as drivers for AC-electroluminescent displays.
They can also be used in any application requiring multiple output
high-voltage current sourcing and sinking capabilities such as
driving plasma panels, vacuum fluorescent displays, or large
matrix LCD displays. The inputs are fully CMOS compatible.
These devices consist of a 32-bit shift register, 32 latches, and
control logic to perform the polarity select and blanking of the
outputs. HVOUT1 is connected to the first stage of the shift register
through the polarity and blanking logic. Data is shifted through the
shift register on the logic low to high transition of the clock. The
HV97 shifts data in the clockwise direction when viewed from the
top of the package and the HV98 shifts in the counterclockwise
direction. A data output buffer is provided for cascading devices.
This output reflects the current status of the last bit of the shift
register (HV
OUT32). Operation of the shift register is not affected
by the LE (latch enable), BL (blanking), or the POL (polarity) in-
puts. Transfer of data from the shift register to the latch occurs
when the LE (latch enable) input is high. The data in the latch is
stored when LE is low.
Absolute Maximum Ratings1
Supply voltage, VDD
2
-0.5V to +7V
Output voltage, V
PP
2
V
DD to +90V
Logic input levels2
-0.5V to V
DD +0.5V
Ground current3
1.5A
Continuous total power dissipation4
1200mW
Operating temperature range
-40°C to +85°C
Storage temperature range
-65°C to +150°C
Lead temperature 1.6mm (1/16 inch)
260°C
from case for 10 seconds
Notes:
1. Device will survive (but operation may not be specified or guaranteed) at
these extremes.
2. All voltages are referenced to GND.
3. Duty cycle is limited by the total power dissipated in the package.
4. For operation above 25°C ambient, derate linearly to 70°C at 12mW/°C.
Package Options


Similar Part No. - HV9708

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9100 SUTEX-HV9100 Datasheet
319Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
logo
PANDUIT CORP.
HV9100-C0 PANDUIT-HV9100-C0 Datasheet
601Kb / 2P
Hyper-V In-Line Cable Ties and Mounts
3/2016
logo
Supertex, Inc
HV9100P SUTEX-HV9100P Datasheet
319Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
HV9100PJ SUTEX-HV9100PJ Datasheet
319Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
HV9102 SUTEX-HV9102 Datasheet
319Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
More results

Similar Description - HV9708

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308 Datasheet
455Kb / 5P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV610 SUTEX-HV610 Datasheet
765Kb / 9P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_07 Datasheet
708Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_13 Datasheet
643Kb / 7P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com