Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9906DB3 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV9906DB3
Description  Off-Line PFC Current Source Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9906DB3 Datasheet(HTML) 2 Page - Supertex, Inc

  HV9906DB3 Datasheet HTML 1Page - Supertex, Inc HV9906DB3 Datasheet HTML 2Page - Supertex, Inc HV9906DB3 Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
09/05/2002
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 FAX: (408) 222-4895 www.supertex.com
Instructions
OUT, RTN
Connect your LED to these terminals. Make sure that
it is connected in the polarity shown on the diagram
above.
E1, E2
Connect 80 to 135VAC line source to these
terminals. The input is fuse protected to 0.5A.
Setting Output Current
Output current is preset to 500mA for this board.
Output current can be re-programmed by selecting
R3 according to the following equation:
V
R
R
R
R
R
R
I
OUT
1
3
7
7
8
1
6
⋅
⋅
−
+
+
=
However, the board must be forced cooled or
encapsulated using thermally conductive encapsulant
to operate continuously at output current higher than
500mA.
Schematic Diagram
R8
14.7K
0.2uFd
D1
MURS140
R3
0.47
R6 100K
D6
4.7V
E1
C1
.033uFd
L2
47uH
R5
90.9K
D8
F1
1/2A
U1
L1
100uH
D2
MURS120
E2
D7
30V
C11
1nF
C9
0.01uF
C2
.22uFd
OUT
C6
15uFd
D3
MURS120
R1
14.7K
C7
0.47uFd
D5
1N4148
Q1
0.2uFd
RTN
R7
100K
R9
10
M1
IRFR320
C3
.082uFd
R2
10K
R10
1M
C10
100pF
R4
10M
1
3
2
4
5
7
8
HV9906
6
LED
capacitors in parallel.
MMBT2907
B1
ARRAY
C8&C8A
C5&C5A
C4&C4A, C5&C5A, C8&C8A are two 0.1uF
C4&C4A
0.2uFd
HV9906DB3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com