Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1763 Datasheet(PDF) 13 Page - Linear Technology

Part # 1763
Description  500mA, Low Noise, LDO Micropower Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1763 Datasheet(HTML) 13 Page - Linear Technology

Back Button 1763 Datasheet HTML 9Page - Linear Technology 1763 Datasheet HTML 10Page - Linear Technology 1763 Datasheet HTML 11Page - Linear Technology 1763 Datasheet HTML 12Page - Linear Technology 1763 Datasheet HTML 13Page - Linear Technology 1763 Datasheet HTML 14Page - Linear Technology 1763 Datasheet HTML 15Page - Linear Technology 1763 Datasheet HTML 16Page - Linear Technology 1763 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1763 Series
13
1763fe
PIN FUNCTIONS
NC (Pins 1, 4, 9, 12) DE12 Only: No Connect. No connect
pins have no connection to any internal circuitry. These
pins may be tied to either GND or VIN, or left floating.
OUT (Pins 2, 3/Pin 1): Output. The output supplies power
to the load. A minimum output capacitor of 3.3μF is re-
quired to prevent oscillations. Larger output capacitors
will be required for applications with large transient loads
to limit peak voltage transients. See the Applications Infor-
mation section for more information on output capacitance
and reverse output characteristics.
ADJ (Pin 5/Pin 2): Adjust. For the adjustable LT1763, this
is the input to the error amplifier. This pin is internally
clamped to ±7V. It has a bias current of 30nA which flows
into the pin (see the curve of ADJ Pin Bias Current vs
Temperature in the Typical Performance Characteristics
section). The ADJ pin voltage is 1.22V referenced to ground
and the output voltage range is 1.22V to 20V.
SENSE (Pin 5/Pin 2): Output Sense. For fixed volt-
age versions of the LT1763 (LT1763-1.5/LT1763-1.8/
LT1763-2.5/LT1763-3/LT1763-3.3/LT1763-5), the SENSE
pin is the input to the error amplifier. Optimum regulation
will be obtained at the point where the SENSE pin is
connected to the OUT pin of the regulator. In critical
applications, small voltage drops are caused by the
resistance (RP) of PC traces between the regulator and the
load. These may be eliminated by connecting the SENSE
pin to the output at the load as shown in Figure 1 (Kelvin
Sense Connection).
supply system where the regulator load is returned to a
negative supply) and still allow the device to start and
operate.
BYP (Pin 6/Pin 4): Bypass. The BYP pin is used to bypass
the reference of the LT1763 regulators to achieve low noise
performance from the regulator. The BYP pin is clamped
internally to ±0.6V (one VBE). A small capacitor from the
output to this pin will bypass the reference to lower the
output voltage noise. A maximum value of 0.01μF can
be used for reducing output voltage noise to a typical
20μVRMS over a 10Hz to 100kHz bandwidth. If not used,
this pin must be left unconnected.
GND (Pins 7/Pins 3, 6, 7): Ground.
SHDN (Pin 8/Pin 5): Shutdown. The SHDN pin is used
to put the LT1763 regulators into a low power shutdown
state. The output will be off when the SHDN pin is pulled
low. The SHDN pin can be driven either by 5V logic or
open-collector logic with a pull-up resistor. The pull-up
resistor is required to supply the pull-up current of the
open-collector gate, normally several microamperes, and
the SHDN pin current, typically 1μA. If unused, the SHDN
pin must be connected to VIN. The device will be in the low
power shutdown state if the SHDN pin is not connected.
IN (Pin 10, 11/Pin 8): Input. Power is supplied to the device
through the IN pin. A bypass capacitor is required on this
pin if the device is more than six inches away from the
main input filter capacitor. In general, the output impedance
of a battery rises with frequency, so it is advisable to
include a bypass capacitor in battery-powered circuits. A
bypass capacitor in the range of 1μF to 10μF is sufficient.
The LT1763 regulators are designed to withstand reverse
voltages on the IN pin with respect to ground and the OUT
pin. In the case of a reverse input, which can happen if
a battery is plugged in backwards, the device will act as
if there is a diode in series with its input. There will be
no reverse current flow into the regulator and no reverse
voltage will appear at the load. The device will protect both
itself and the load.
Exposed Pad (Pin 13) DE12 Only: Ground. The Exposed
Pad must be soldered to the PCB ground for rated thermal
performance.
(DE12/S8)
Note that the voltage drop across the external PC traces will
add to the dropout voltage of the regulator. The SENSE pin
bias current is 10μA at the nominal rated output voltage.
The SENSE pin can be pulled below ground (as in a dual
IN
SHDN
1763 F01
RP
OUT
VIN
SENSE
GND
LT1763
RP
3
2
1
5
8
+
+
LOAD
Figure 1. Kelvin Sense Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com