Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25CTC-R Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # 25CTC-R
Description  HEADER & HOUSING SYSTEMS 2.5mm Type B & C
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

25CTC-R Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  25CTC-R Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
276
B = .098 [2.50] x No. of Positions + .189 [4.80]
A = .098 [2.50] x No. of Positions -1
Positions: 2 thru 20
.161
[4.10]
.303
[7.70]
A
.098
[2.50]
.220
[5.6]
B-B
A-A
B
A
B
A
.112 [2.85]
.041
[1.05]
.061 [1.55]
.074
[1.90]
.025
[0.65]
.090 [2.30]
.126 [3.20]
.267
[6.80]
.055
[1.40]
B = .098 [2.50] x No. of Positions + .102 [2.60]
A = .098 [2.50] x No. of Positions -1
Positions: 2 thru 20
.098
[2.50]
ø.035
[0.90]
A
.226
[5.75]
.098
[2.50]
A
.275
[7.0]
.133 [3.40]
.226
[5.75]
.025 [0.64]
A
ø.035
[0.90]
.098
[2.50]
.224
[5.70]
B = .098 [2.50] x No. of Positions + .102 [2.60]
A = .098 [2.50] x No. of Positions -1
Positions: 2 thru 20
.098
[2.50]
.025
[0.64]
A
.453
[11.50]
.139
[3.40]
.280
[7.10]
A
.098 [2.50]
B = .098 [2.50] x No. of Positions + .178 [2.00]
Positions: 2 thru 20
A = .098 [2.50] x No. of Positions -1
.255
[6.50]
.150
[3.80]
A-A
B
A
B
A
B-B
.040 [1.02]
.067 [1.70]
.059 [1.50]
.102 [2.60]
.077
[1.95]
.061 [1.55
.057 [1.45]
.091
[2.30]
.201 [5.10]
.084 [2.13]
.039
[3.20]
.098
[2.50]
A
.236
[6.00]
.025 [0.64]
.150 [3.80]
B = .098 [2.50] x No. of Positions +.198 [2.50]
A = .098 [2.50] x No. of Positions -1
Positions: 2 thru 15
A
.098
[2.50]
.098
[2.50]
.125 [3.20]
A
.098
[2.50]
A
B = .098 [2.50] x No. of Positions +.198 [2.50]
A = .098 [2.50] x No. of Positions -1
Positions: 2 thru 15
.236
[6.00]
.263
[6.70]
.165
[4.20]
B
.079 [2.02]
.068 [1.75]
B
ø.039 [1.00]
ø.039 [1.00]
B
B
B
B
25CH-B-XX
2.5mm CRIMP HOUSING
25CTB-R
2.5mm CRIMP TERMINAL
25SH-B-XX-TS
2.5mm VERTICAL HEADER
25SH-B-XX-TR
2.5mm RIGHT ANGLE HEADER
25CH-C-XX
2.5mm CRIMP HOUSING
25CTC-R
2.5mm CRIMP TERMINAL
25SH-C-XX-TS
2.5mm VERTICAL HEADER
25SH-C-XX-TR
2.5mm RIGHT ANGLE HEADER
PCB Layout
PCB Layout
PCB Layout
PCB Layout
HEADER & HOUSING SYSTEMS
2.5mm Type B & C
2CH & 2SH SERIES
25CH-B-03
25SH-B-03-TS
25SH-B-03-TR
25CH-C-05
25SH-C-04-TS
25SH-C-04-TR
25CTC-R
25CTB-R


Similar Part No. - 25CTC-R

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
25CTC-MT-R ADAM-TECH-25CTC-MT-R Datasheet
72Kb / 1P
2.5MM PITCH CRIMP TERMINAL
More results

Similar Description - 25CTC-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7354SC PANASONIC-AN7354SC Datasheet
122Kb / 12P
Dolby B/C-type Noise Reduction
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
DOLBY B-C TYPE NOISE REDUCTION
logo
YEONHO ELECTRONICS
YFAW025 YEONHO-YFAW025 Datasheet
207Kb / 1P
Pin Header : 2.5mm PITCH
YFW025A YEONHO-YFW025A Datasheet
215Kb / 1P
Pin Header : 2.5mm pitch
logo
Adam Technologies, Inc.
2CHB04 ADAM-TECH-2CHB04 Datasheet
129Kb / 1P
HEADER & HOUSING SYSTEMS
logo
Molex Electronics Ltd.
0022031162 MOLEX2-0022031162 Datasheet
112Kb / 3P
2.5mm B-To-B Hdr SR VerB 16Ckt
0022031182 MOLEX2-0022031182 Datasheet
112Kb / 3P
2.5mm B-To-B Hdr SR VerB 18Ckt
logo
Adam Technologies, Inc.
25SH-C-XX-TS ADAM-TECH-25SH-C-XX-TS Datasheet
77Kb / 1P
HEADER & HOUSING SYSTEMS 2.5mm Type B & C
logo
FSP TECHNOLOGY INC.
FSP050-DGAA5 FSP-FSP050-DGAA5 Datasheet
109Kb / 1P
IPC systems, C ommunication systems, Embedded systems, POE systems
logo
CnC Tech, LLC
54025-XX CNC-54025-XX Datasheet
122Kb / 1P
2.5mm Power Housing Double Rows
17-nov-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com