Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0103 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # ADC0103
Description  DC POWER JACKS PC BOARD AND PANEL MOUNT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

ADC0103 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  ADC0103 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
200
INTRODUCTION:
Adam Tech ADC Series DC Power Jacks are a complete line of
miniature and sub-miniature power jacks primarily used for the
transmission of wall current transformed to DC power, for detached
and hand held instruments. Adam Tech power jacks are
manufactured with a variety of center pin sizes for all standard
applications including 1.00mm, 1.30mm, 2.00mm and 2.50mm. Our
contact is designed using a wide spring grade plated copper alloy for
exceptional plug retention and low contact resistance.
FEATURES:
Low Profile designs
Superior contact system
Exceptional plug retention
Choice of Center pin sizes
Hi Temp Versions
Hi Current Versions
MATING PLUGS:
All industry standard 1.00mm, 1.30mm, 2.00mm, 2.35mm
and 2.50mm Plugs.
SPECIFICATIONS:
Material:
Standard insulator: PBT Glass reinforced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0
Insulator Color: Black
Center Pin: Brass, Nickel plated
Contacts: Copper alloy
Contact Plating:
Silver over nickel underplate
Electrical:
Operating voltage: 12V DC max.
Current rating: 1 Amp max.
Contact resistance: 30 m
Ω max. initial
Insulation resistance: 50 M
Ω min.
Dielectric withstanding voltage: 250V AC for 1 minute
Mechanical:
Insertion force: 3 kg max.
Withdrawal force: 0.3 kg min
Mating durability: 5000 cycles min.
Temperature Rating:
Operating temperature: -25°C to +85°C
Soldering process temperature:
Standard insulator: 235°C
Hi-Temp insulator: 260°C
PACKAGING:
Anti-ESD plastic bags or Tape and Reel
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
DC POWER JACKS
PC BOARD AND PANEL MOUNT
ADC SERIES
OPTIONS:
Add designator(s) to end of part number
RT = PC Board Retention Feature
(Type 007 & 009 only)
HT = Hi-Temp insulator for Hi-Temp soldering
processes up to 260°C
N = Notch option, (ADC-002 only)
ADCH = DC Power Jack Hi-Current 5 Amp Version
ORDERING INFORMATION
ADC
002
1
SERIES INDICATOR
ADC = DC Power Jack
BODY STYLE
001 thru 042
CENTER PIN
DIAMETER
1 = 2.00mm
2 = 2.50mm
3 = 1.00mm
4 = 1.30mm
5 = 2.35mm
8 = 0.7mm
RT OPTION
NOTCH OPTION
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - ADC0103

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
ADC0 FUJITSU-ADC0 Datasheet
2Mb / 108P
16-bit Proprietary Microcontroller
logo
Texas Instruments
ADC07D1520 TI1-ADC07D1520 Datasheet
758Kb / 53P
Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC07D1520 TI2-ADC07D1520 Datasheet
802Kb / 53P
Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
23-May-2025
ADC07D1520CIYB TI1-ADC07D1520CIYB Datasheet
732Kb / 52P
Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC07D1520CIYB TI2-ADC07D1520CIYB Datasheet
802Kb / 53P
Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
23-May-2025
More results

Similar Description - ADC0103

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ADC-007 ADAM-TECH-ADC-007 Datasheet
214Kb / 3P
DC POWER JACKS PC BOARD AND PANEL MOUNT
ADC-010 ADAM-TECH-ADC-010 Datasheet
112Kb / 1P
DC POWER JACKS PC BOARD AND PANEL MOUNT
DJ005S ADAM-TECH-DJ005S Datasheet
129Kb / 1P
CIRCULAR DIN JACKS PC BOARD AND PANEL MOUNT
DJP-008-A ADAM-TECH-DJP-008-A Datasheet
106Kb / 1P
CIRCULAR DIN JACKS PC BOARD & PANEL MOUNT
MDJ008S ADAM-TECH-MDJ008S Datasheet
125Kb / 1P
MINI DIN JACKS PC BOARD & PANEL MOUNT
logo
Protech Systems Co., Lt...
PPC-7365F PROTECHSYSTEMS-PPC-7365F Datasheet
744Kb / 2P
Fanless and Low Power Panel PC
PPC-7508F PROTECHSYSTEMS-PPC-7508F Datasheet
753Kb / 2P
Fanless and Low Power Panel PC
logo
Switchcraft, Inc.
P286305 SWITCH-P286305 Datasheet
39Kb / 1P
MINIATURE TELEPHONE JACKS, RIGHT ANGLE, PC MOUNT
RASH722X SWITCH-RASH722X Datasheet
185Kb / 1P
RIGHT ANGLE PC MOUNT DC SERIES POWER JACKS
logo
Tyco Electronics
408-10373 MACOM-408-10373 Datasheet
125Kb / 2P
SMPM Floating Panel Mount, Cable Jacks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com