Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV-20 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # LPV-20
Description  20W Single Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPV-20 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LPV-20 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPV-20 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
CaseNo.972A
Unit:mm
fosc:65KHz
DETECTION
PWM
CIRCUIT
O.L.P.
O.V.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
&
BlockDiagram
(HORIZONTAL)
-15
0
15
30
20
40
60
80
100
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
264
100
90
80
70
60
50
40
DeratingCurve
0
40
50
Ta=25
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE(
)
-30
60
70
175
20WSingleOutputSwitchingPowerSupply
L P V- 2 0 series
AC/L(Brown)
AC/N(Blue)
+V(Red)
-V(Black)
18AWG
18AWG
600
3.6
3.6
118
3.5
3.5
600
FileName:LPV-20-SPEC2008-12-11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com