Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS2C Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # MS2C
Description  2.00mm HEADERS & SHUNTS .079 [2.00] CENTERLINE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

MS2C Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  MS2C Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
249
2.00mm HEADERS & SHUNTS
.079" [2.00] CENTERLINE
2PH SERIES
D2PH-2-SMT
D2PH-1-SMT
A = .079" [2.00] x No. of positions
B = .079" [2.00] x No. of spaces
A = .079" [2.00] x No. of positions
B = .079" [2.00] x No. of spaces
RECOMENDED PCB LAYOUT
.079 [2.00]
.079 [2.00]
PIN 1
TYPE B
TYPE A
PIN 1
B
A
.079 [2.00]
.079 [2.00]
.020
[0.50] Sq.
.157 [4.00]
PIN 1
PIN 2
B
.079 [2.00]
TYPE B
.033
[0.85]
.033
[0.85]
B
.079 [2.00]
.185
[4.70]
TYPE A
.092
[2.35]
.102 [2.60]
B
.033 [0.85]
.079 [2.00]
.264
[6.70]
RECOMENDED PCB LAYOUT
C
E
.129 [3.27]
.165
[4.20]
.079 [2.00]
.079 [2.00]
A
E
.079 [2.00]
.020
[0.50] Sq.
.079 [2.00]
B
.079
[2.00]
.244
[6.20]
.129 [3.27]
MS2A
.197
[5.00]
.157
[4.00]
.138
[3.50]
.078 [2.00]
.078
[2.00]
.374
[9.50]
.079
[2.00]
.157
[4.00]
.157
[4.00]
.177
[4.50]
.078 [2.00]
.079
[2.00]
.157
[4.00]
.177
[4.50]
.079 [2.00]
.177
[4.50]
.441
[11.20]
.078
[2.00]
.078 [2.00]
.157
[4.00]
.079 [2.00]
MS2C
MS2B
MS2H-1
MS2H-2
.092
[2.35]
C
Recommended PCB Layout
D2PH-1 (SMT)
Recommended PCB Layout
D2PH-2 (SMT)
MS2C
MS2B
MS2A
MS2H-2
WITH
FLEXIBLE
LONG
HANDLE
MS2H-1
WITH
RIGID
SHORT
HANDLE
SMT-A
SMT-B
D2PH-1-12-U-.100/SMT/.240
D2PH-2-16-U-.145/SMT/.360


Similar Part No. - MS2C

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MS2C-X ADAM-TECH-MS2C-X Datasheet
85Kb / 1P
MINI SHUNT CLOSE TOP HEIGHT
logo
Murata Manufacturing Co...
MS2C10-A MURATA1-MS2C10-A Datasheet
404Kb / 23P
CERAMIC FILTER (CERAFIL®) For FM Receivers
More results

Similar Description - MS2C

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2BHR20VUA ADAM-TECH-2BHR20VUA Datasheet
128Kb / 1P
2.00mm BOX HEADERS .079 [2.00] CENTERLINE
2BHR-14-VUA ADAM-TECH-2BHR-14-VUA Datasheet
124Kb / 1P
2.00mm BOX HEADERS .079 [2.00] CENTERLINE
2PH140UA ADAM-TECH-2PH140UA Datasheet
109Kb / 1P
2.00mm PIN HEADERS .079 [2.00] CENTERLINE
2RS1-15-G ADAM-TECH-2RS1-15-G Datasheet
118Kb / 1P
2.00mm RECEPTACLE STRIPS .169 & .193 HEIGHT .079 [2.00] CENTERLINE
2RS1H-16-G ADAM-TECH-2RS1H-16-G Datasheet
128Kb / 1P
2.00mm RECEPTACLE STRIPS .106 & .248 HEIGHT .079 [2.00] CENTERLINE
2RS1R-14-G ADAM-TECH-2RS1R-14-G Datasheet
139Kb / 1P
2.00mm RECEPTACLE STRIPS .106 & .248 HEIGHT .079 [2.00] CENTERLINE
2RS140G ADAM-TECH-2RS140G Datasheet
142Kb / 1P
2.00mm RECEPTACLE STRIPS .079 [2.00] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
.100 MINI SHUNTS .100 [2.54] CENTERLINE
MSBG ADAM-TECH-MSBG Datasheet
136Kb / 1P
MINI SHUNTS .050 & .100 [2.54] CENTERLINE
logo
Major League Electronic...
SH-2 MAJOR-LEAGUE-SH-2 Datasheet
318Kb / 2P
.079 cl Shunts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com