Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN2124 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TN2124
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2124 Datasheet(HTML) 1 Page - Supertex, Inc

  TN2124 Datasheet HTML 1Page - Supertex, Inc TN2124 Datasheet HTML 2Page - Supertex, Inc TN2124 Datasheet HTML 3Page - Supertex, Inc TN2124 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TN2124
08/30/99
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For complete liability information covering this and
other Supertex products, refer to the Supertex 1998 Databook.
TN2124
Low Threshold
Advanced DMOS Technology
These enhancement-mode (normally-off) transistors utilize a
vertical DMOS structure and Supertex’s well-proven silicon-gate
manufacturing process. This combination produces devices with
the power handling capabilities of bipolar transistors and with the
high input impedance and positive temperature coefficient inher-
ent in MOS devices. Characteristic of all MOS structures, these
devices are free from thermal runaway and thermally-induced
secondary breakdown.
Supertex vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where high breakdown
voltage, high input impedance, low input capacitance, and fast
switching speeds are desired.
Note: See Package Outline section for dimensions.
N-Channel Enhancement-Mode
Vertical DMOS FETs
Package Options
BVDSS /RDS(ON)
VGS(th)
BV
DGS
(max)
(max)
TO-243AA**
TO-236AB*
240V
15
Ω
2.0V
TN2124N8
TN2124K1
* Same as SOT-23. All units shipped on 3,000 piece carrier tape reels.
** Prodcut supplied on 2000 piece carrier tape reels.
Order Number / Package
Features
Free from secondary breakdown
Low power drive requirement
Ease of paralleling
Low C
ISS and fast switching speeds
Excellent thermal stability
Integral Source-Drain diode
High input impedance and high gain
Complementary N- and P-channel devices
Applications
Logic level interfaces – ideal for TTL and CMOS
Solid state relays
Battery operated systems
Photo voltaic drives
Analog switches
General purpose line drivers
Telecom switches
Product marking for SOT-23:
N1C❋
where ❋ = 2-week alpha date code
Ordering Information
Absolute Maximum Ratings
Drain-to-Source Voltage
BV
DSS
Drain-to-Gate Voltage
BV
DGS
Gate-to-Source Voltage
± 20V
Operating and Storage Temperature
-55
°C to +150°C
Soldering Temperature*
300
°C
* Distance of 1.6 mm from case for 10 seconds.
TO-236AB
(SOT-23)
top view
Gate
Source
Drain
TO-243AA
(SOT-89)
G
D
S
D


Similar Part No. - TN2124

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TN2124 MICROCHIP-TN2124 Datasheet
474Kb / 14P
N-Channel Enhancement-Mode Vertical DMOS FET
10/25/17
logo
Supertex, Inc
TN2124K1-G SUTEX-TN2124K1-G Datasheet
570Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FET
TN2124K1-G SUTEX-TN2124K1-G Datasheet
730Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
TN2124K1G MICROCHIP-TN2124K1G Datasheet
474Kb / 14P
N-Channel Enhancement-Mode Vertical DMOS FET
10/25/17
logo
Supertex, Inc
TN2124 SUTEX-TN2124_07 Datasheet
570Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TN2124

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN10KN9 SUTEX-VN10KN9 Datasheet
242Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0550 SUTEX-VN0550_07 Datasheet
534Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0540 SUTEX-VN0540 Datasheet
30Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com