Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP18G Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # FDP18G
Description  IDC DIP & TRANSITION PLUGS .100 [2.54] CENTERLINE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

FDP18G Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  FDP18G Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
328
INTRODUCTION:
Adam Tech’s Flat Cable DIP & Transition plugs are a one piece
connector system that quickly and easily mass terminates flat cable
then mounts directly to the PCB or PCB socket. These connectors
are ideal for interconnecting PCB’s in a permanent flat cable
transition or satisfying disconnect applications. Our low profile design
allows an increased board to board stacking density.
FEATURES:
Available in 8 – 64 positions
Eliminates need for two piece header / Socket set
Fast easy mass termination without stripping cable
Heavy duty Tin plated contacts
Low Profile, high density board to board stacking
Plugs into IC Socket or solders directly to PCB
SPECIFICATIONS:
Material:
Insulator: PBT, glass reinforeced, rated UL94V-0
Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0
Insulator Color: Black (Gray optional)
Contacts: Brass
Contact Plating:
G = Gold flash (30u” optional) over nickel underplate on contact area,
Tin over copper underplate on IDC area.
T = Tin over copper underplate overall
Electrical:
Operating voltage: 250V AC max.
Current rating: 3 Amp max
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1000V AC for 1 minute
Mechanical:
Recommended cable size: 28 Awg stranded
Temperature Rating:
Operating temperature: -40°C to +105°C
PACKAGING:
Anti-ESD plastic trays
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
IDC DIP & TRANSITION PLUGS
.100" [2.54] CENTERLINE
FTR & FDP SERIES
OPTIONS:
Add designator(s) to end of part number
30 = 30 µin gold plating in contact area
GY = Gray color insulator
RT = Board retention
ORDERING INFORMATION
FTR
40
T
SERIES INDICATOR
FTR = IDC Flat Cable
Transition Plug
FDP = IDC Flat Cable
Dip Plug
POSITIONS
FTR: 08, 10, 14, 16, 20, 24, 26,
28, 30, 34, 40, 50, 60, 64
FDP: 08, 10, 14, 16, 18, 20, 24,
28, 32, 40
PLATING
T = Tin plated
G = Gold plating
on tails
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - FDP18G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP18N20F FAIRCHILD-FDP18N20F Datasheet
689Kb / 10P
N-Channel MOSFET 200V, 18A, 0.14廓
FDP18N20F FAIRCHILD-FDP18N20F Datasheet
298Kb / 14P
DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDP18N20F ISC-FDP18N20F Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP18N50 FAIRCHILD-FDP18N50 Datasheet
1Mb / 10P
500V N-Channel MOSFET
FDP18N50 FAIRCHILD-FDP18N50 Datasheet
682Kb / 15P
Power Factor Correction Converter Design
More results

Similar Description - FDP18G

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
FCE34SG ADAM-TECH-FCE34SG Datasheet
122Kb / 1P
.100 IDC CARD EDGE .100 [2.54] CENTERLINE
FCE-20-SG ADAM-TECH-FCE-20-SG Datasheet
109Kb / 1P
.100 IDC CARD EDGE .100 [2.54] CENTERLINE
FCP34SG ADAM-TECH-FCP34SG Datasheet
123Kb / 1P
.100 IDC BOX HEADER .100" X .100" [2.54 X 2.54] CENTERLINE
FCP-34-SG ADAM-TECH-FCP-34-SG Datasheet
115Kb / 1P
.100 IDC BOX HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
.100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
FTR-14-T ADAM-TECH-FTR-14-T Datasheet
121Kb / 1P
IDC DIP & TRANSITION PLUGS .100 [2.54] CENTERLINE
logo
Dubilier
DBCIDC1120AS1 DUBILIER-DBCIDC1120AS1 Datasheet
101Kb / 1P
IDC IDC DIP PLUG (TRANSITION)
DBCIDC1120AS1 DUBILIER-DBCIDC1120AS1_11 Datasheet
333Kb / 2P
IDC IDC DIP PLUG (TRANSITION)
DBCIDCDIP200 DUBILIER-DBCIDCDIP200 Datasheet
181Kb / 1P
IDC IDC DIP PLUG (TRANSITION) 2.0mm
logo
Adam Technologies, Inc.
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
.100 2.54 CENTERLINE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com