Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-110 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PD-110
Description  110W Dual Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PD-110 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PD-110 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PD-110 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12
1
CN2
+5V ADJ
4
3
2
6
5
9
8
7
11
10
CN1
1
2
3
4
T4A/250V
5
177.8
165.1
6.35
4-
3.96
FileName:PD-110-SPEC2008-03-25
Unit:mm
DCOutputConnector(CN2):Molex5273-12orequivalent
PinNo.
1,2,3
4,5,6,7
8,9,10
11,12
Assignment
V1
COM
V2
V3(Option)
MatingHousing
Molex5195
orequivalent
Terminal
Molex5194
orequivalent
ACInputConnector(CN1):Molex5273-05orequivalent
PinNo.
1
2,4
3
5
Assignment
MatingHousing
Molex5195
Molex5194
orequivalent
orequivalent
Terminal
MechanicalSpecification
StaticCharacteristics(A)
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
-10
-10
0
0
10
20
30
40
50
60
20
40
60
80
100
INPUTVOLTAGE(V)60Hz
90
100
110
120
140
160
180
200
220
240
260
300
250
200
150
100
50
25
Ta=25
12
13
8
7
11
10
9
4.8
5.0
5.2
4.4
4.6
4.2
4.0
17CFMforcedaircooling(20cm)
Naturalconvectioncooling
PinNo.
MODEL
1,2,3
+5V
+5V
PD-110A PD-110B
8,9,10
+12V
+24V
+12V
+5V
+12V
+5V
DeratingCurve
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
FILTER
&
&
RECTIFIERS
RECTIFIERS
V1
V2
COM
I/P
FG
CONTROL
PWM
O.V.P.
BlockDiagram
fosc:45KHz
FG
NoPin
AC/N
AC/L
110WDualOutputSwitchingPowerSupply
P D - 11 0 series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com