Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN2510 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TN2510
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2510 Datasheet(HTML) 2 Page - Supertex, Inc

  TN2510 Datasheet HTML 1Page - Supertex, Inc TN2510 Datasheet HTML 2Page - Supertex, Inc TN2510 Datasheet HTML 3Page - Supertex, Inc TN2510 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
R
gen
0V
0V
Package
ID (continuous)*
ID (pulsed)
Power Dissipation
θjc
θja
IDR*IDRM
@ T
A = 25°C
°C/W
°C/W
TO-243AA
0.73A
5.0A
1.6W†
15
78†
0.73A
5.0A
* I
D (continuous) is limited by max rated Tj.
† Mounted on FR5 board, 25mm x 25mm x 1.57mm. Significant P
D increase possible on ceramic substrate.
Thermal Characteristics
Switching Waveforms and Test Circuit
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BVDSS
100
V
VGS = 0V, ID = 2mA
V
GS(th)
Gate Threshold Voltage
0.6
2.0
V
V
GS = VDS, ID= 1mA
∆VGS(th)
Change in VGS(th) with Temperature
-4.5
mV/°CVGS = VDS, ID= 1.0mA
IGSS
Gate Body Leakage
100
nA
VGS = ± 20V, VDS = 0V
I
DSS
Zero Gate Voltage Drain Current
10
µAVGS = 0V, VDS = Max Rating
1.0
mA
VGS = 0V, VDS = 0.8 Max Rating
T
A = 125°C
ID(ON)
ON-State Drain Current
1.2
2.0
VGS = 5.0V, VDS = 25V
3.0
6.0
VGS = 10V, VDS = 25V
R
DS(ON)
15
V
GS = 3.0V, ID = 250mA
1.5
2.0
Ω
VGS = 4.5V, ID = 750mA
1.0
1.5
VGS = 10V, ID = 750mA
∆RDS(ON)
Change in R
DS(ON) with Temperature
0.75
%/°CVGS = 10V, ID = 750mA
GFS
Forward Transconductance
0.4
0.8
VDS = 25V, ID = 1.0A
C
ISS
Input Capacitance
70
125
C
OSS
Common Source Output Capacitance
30
70
pF
CRSS
Reverse Transfer Capacitance
15
25
t
d(ON)
Turn-ON Delay Time
10
t
r
Rise Time
10
td(OFF)
Turn-OFF Delay Time
20
t
f
Fall Time
10
V
SD
Diode Forward Voltage Drop
1.8
V
V
GS = 0V, ISD = 1.5A
trr
Reverse Recovery Time
300
ns
VGS = 0V, ISD = 1.5A
Notes:
1. All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
A
Electrical Characteristics (@ 25°C unless otherwise specified)
Drain-to-Source
Breakdown Voltage
Static Drain-to-Source
ON-State Resistance
V
DD = 25V,
ns
ID = 1.5A,
R
GEN = 25Ω
V
GS = 0V, VDS = 25V
f = 1 MHz
TN2510



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com