Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDP008 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # MDP008
Description  DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

MDP008 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  MDP008 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
222
INTRODUCTION:
Adam Tech DP and MDP series male and female DIN and Mini DIN
plugs are offered in an assembly version which contains a fitted two-
piece snap-together metal shell with a slide over boot which
surrounds the center contact pad or a molded version which has a
one piece metal shell permanently attached to the contact pad which
is used in over-molded cable production. Their simple yet extremely
sturdy design make them perfect for most applications.
FEATURES:
DIN and Mini DIN styles
Easy two-piece metal shell assembly
Over-mold or assembly versions
MATING CONNECTORS:
All industry standard circular Mini DIN and DIN jacks.
SPECIFICATIONS:
Material:
Insulator: PBT glass filled, rated UL94V-0
Insulator Color: Black standard, custom colors available
Contacts: Brass
Shield: Copper Alloy, Tin Plated
Contact Plating:
Nickel on mating area, Tin over Copper underplate on solder area.
Electrical:
Operating voltage: 100V AC / 12V DC max.
Current rating: Mini Din: 1 Amp max.
Din: 2 Amps max
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 500 M
Ω min.
Dielectric withstanding voltage: 500V AC for 1 minute
Mechanical:
Insertion force: 9.9 lbs max.
Withdrawal force: 0.8 lbs min
Mating durability: 5000 cycles min.
Temperature Rating:
Operating temperature: -25°C to +70°C
PACKAGING:
Anti-ESD plastic trays
APPROVALS AND CERTIFICATIONS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596)
DIN & MINI DIN PLUGS
DP, DS, MDP & MDS SERIES
OPTIONS:
Add designator(s) to end of part number
G = Gold plated contacts
M = Single piece barrel and contact pad
without plastic shell for molding
applications
®
®
V
D E
UL
®
ORDERING INFORMATION
MDP
008
SERIES INDICATOR
DP = Male DIN Plug
DS = Female DIN Plug
MDP = Male Mini DIN Plug
MDS = Female Mini DIN Plug
NO. OF POSITIONS
003 thru 008 (DP/DS)
003 thru 009 (MDP/MDS)
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - MDP008

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
MDP0027 INTERSIL-MDP0027 Datasheet
49Kb / 2P
High Power Differential Line Driver
June 7, 2002
MDP0027 INTERSIL-MDP0027 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer (XDCP??
July 20, 2009
MDP0031 INTERSIL-MDP0031 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer (XDCP??
July 20, 2009
logo
Elantec Semiconductor
MDP0040 ELANTEC-MDP0040 Datasheet
149Kb / 1P
PACKAGE OUTLINE DRAWING QSOP - 0.150 NARROW BODY PACKAGE
MDP0044 ELANTEC-MDP0044 Datasheet
120Kb / 1P
MDP0044
More results

Similar Description - MDP008

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DP-008 ADAM-TECH-DP-008 Datasheet
154Kb / 1P
DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
logo
Dubilier
DBCMD11M4T DUBILIER-DBCMD11M4T Datasheet
177Kb / 1P
AUDIO DIN PLUGS
logo
List of Unclassifed Man...
MCDS08 ETC2-MCDS08 Datasheet
442Kb / 6P
DS, DP, DA Series
MCDS02 ETC2-MCDS02 Datasheet
442Kb / 6P
DS, DP, DA Series
logo
Adam Technologies, Inc.
MDP-00X-M ADAM-TECH-MDP-00X-M Datasheet
74Kb / 1P
MINI DIN PLUG
MP-3P-M ADAM-TECH-MP-3P-M Datasheet
64Kb / 1P
MINI DIN POWER
logo
CUI INC
MD-FC CUI-MD-FC Datasheet
236Kb / 4P
MINI DIN CONNECTOR
MD-J CUI-MD-J Datasheet
232Kb / 3P
MINI DIN CONNECTOR
MD-PL100 CUI-MD-PL100 Datasheet
203Kb / 3P
MINI DIN CONNECTOR
MD-S CUI-MD-S Datasheet
246Kb / 4P
MINI DIN CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com