Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP2502 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TP2502
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2502 Datasheet(HTML) 1 Page - Supertex, Inc

  TP2502 Datasheet HTML 1Page - Supertex, Inc TP2502 Datasheet HTML 2Page - Supertex, Inc TP2502 Datasheet HTML 3Page - Supertex, Inc TP2502 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
Ordering Information
TP2502
Low Threshold
Order Number / Package
Features
❏ Low threshold — -2.4V max.
❏ High input impedance
❏ Low input capacitance — 125pF max.
❏ Fast switching speeds
❏ Low on resistance
❏ Free from secondary breakdown
❏ Low input and output leakage
❏ Complementary N- and P-channel devices
Applications
❏ Logic level interfaces – ideal for TTL and CMOS
❏ Solid state relays
❏ Battery operated systems
❏ Photo voltaic drives
❏ Analog switches
❏ General purpose line drivers
❏ Telecom switches
Absolute Maximum Ratings
Drain-to-Source Voltage
BV
DSS
Drain-to-Gate Voltage
BVDGS
Gate-to-Source Voltage
± 20V
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature*
300°C
* Distance of 1.6 mm from case for 10 seconds.
Low Threshold DMOS Technology
These low threshold enhancement-mode (normally-off) power
transistors utilize a vertical DMOS structure and Supertex's well-
proven silicon-gate manufacturing process. This combination
produces devices with the power handling capabilities of bipolar
transistors and with the high input impedance and positive
temperature coefficient inherent in MOS devices. Characteristic
of all MOS structures, these devices are free from thermal
runaway and thermally induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where very low threshold
voltage, high breakdown voltage, high input impedance, low input
capacitance, and fast switching speeds are desired.
P-Channel Enhancement-Mode
Vertical DMOS FETs
Package Option
Note: See Package Outline section for dimensions.
BV
DSS /RDS(ON)
V
GS(th)
I
D(ON)
BV
DGS
(max)
(max)
(min)
TO-243AA*
Die†
-20V
2.0Ω
-2.4V
-2.0A
TP2502N8
TP2502ND
* Same as SOT-89. Product supplied on 2000 piece carrier tape reels.
† MIL visual screening available.
TO-243AA
(SOT-89)
G
D
S
D
Product marking for TO-243AA
Where
❋ = 2-week alpha date code
TP5L
❋


Similar Part No. - TP2502

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP2502 SUTEX-TP2502 Datasheet
471Kb / 5P
P-Channel Enhancement Mode Vertical DMOS FETs
logo
Microchip Technology
TP2502 MICROCHIP-TP2502 Datasheet
485Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
08/15/18
logo
Supertex, Inc
TP2502N8-G SUTEX-TP2502N8-G Datasheet
471Kb / 5P
P-Channel Enhancement Mode Vertical DMOS FETs
logo
Microchip Technology
TP2502N8G MICROCHIP-TP2502N8G Datasheet
485Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
08/15/18
More results

Similar Description - TP2502

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs????
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
P- Channel Enhancement-Mode Vertical DMOS FETs
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
P-Channel Enhancement Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com