Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL2575Q Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IL2575Q
Description  1.0 A, 15 V, Step-Down Switching Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2575Q Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IL2575Q Datasheet HTML 1Page - IK Semicon Co., Ltd IL2575Q Datasheet HTML 2Page - IK Semicon Co., Ltd IL2575Q Datasheet HTML 3Page - IK Semicon Co., Ltd IL2575Q Datasheet HTML 4Page - IK Semicon Co., Ltd IL2575Q Datasheet HTML 5Page - IK Semicon Co., Ltd IL2575Q Datasheet HTML 6Page - IK Semicon Co., Ltd IL2575Q Datasheet HTML 7Page - IK Semicon Co., Ltd IL2575Q Datasheet HTML 8Page - IK Semicon Co., Ltd IL2575Q Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TECHNICAL DATA
1.0 A, 15 V, Step-Down
IL2575-xx
Switching Regulator
The IL2575 series of regulators are monolithic integrated
circuits ideally suited for easy and convenient design of a step–
down switching regulator (buck converter). All circuits of this series
are capable of driving a 1.0 A load with excellent line and load
regulation. These devices are available in fixed output voltages of
3.3 V, 5.0 V, 12 V, 15 V, and an adjustable output version.
These regulators were designed to minimize the number of
external components to simplify the power supply design. Standard
series of inductors optimized for use with the IL2575 are offered by
several different inductor manufacturers. Since the IL2575
converter is a switch–mode power supply, its efficiency is
significantly higher in comparison with popular three–terminal
linear regulators, especially with higher input voltages. In many
cases, the power dissipated is so low that no heatsink is required
or its size could be reduced dramatically.
ORDERING INFORMATION
IL2575Q
TO-220-5L
IL2575S
TO-220-5L
IL2575D2
TO-263-5L
TA = -40° to 125° C for all packages
TO-220-5L
TO-263-5L
TO-220-5L
A standard series of inductors optimized for use with the
IL2575 are available from several different manufacturers. This
feature greatly simplifies the design of switch–mode power
supplies. The IL2575 features include a guaranteed ±4% tolerance
on output voltage within specified input voltages and output load
conditions, and ±10% on the oscillator frequency (±2% over 0°C to
125°C). External shutdown is included, featuring 80 ㎂ (typical)
standby current. The output switch includes cycle–by–cycle current
limiting, as well as thermal shutdown for full protection under fault
conditions.
Pin connections
1. Vin
2. Output
3. Ground
4. Feedback
5. ON/OFF
Features
• 3.3 V, 5.0 V, 12 V, 15 V, and Adjustable Output Versions
• Adjustable Version Output Voltage Range, 1.23 to 37 V ±4%
Maximum Over Line and Load Conditions
• Guaranteed 1.0 A Output Current
• Wide Input Voltage Range
• Requires Only 4 External Components
• 52 kHz Fixed Frequency Internal Oscillator
• TTL Shutdown Capability, Low Power Standby Mode
• High Efficiency
• Uses Readily Available Standard Inductors
• Thermal Shutdown and Current Limit Protection
Applications
• Simple High–Efficiency Step–Down (Buck) Regulator
• Efficient Pre–Regulator for Linear Regulators
• On–Card Switching Regulators
• Positive to Negative Converter (Buck–Boost)
• Negative Step–Up Converters
• Power Supply for Battery Chargers
Rev. 00


Similar Part No. - IL2575Q

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL2576-12 IKSEMICON-IL2576-12 Datasheet
612Kb / 10P
3.0 A, 15 V, Step-Down Switching Regulator
IL2576-12D2 IKSEMICON-IL2576-12D2 Datasheet
612Kb / 10P
3.0 A, 15 V, Step-Down Switching Regulator
IL2576-12S IKSEMICON-IL2576-12S Datasheet
612Kb / 10P
3.0 A, 15 V, Step-Down Switching Regulator
IL2576-15 IKSEMICON-IL2576-15 Datasheet
612Kb / 10P
3.0 A, 15 V, Step-Down Switching Regulator
IL2576-15D2 IKSEMICON-IL2576-15D2 Datasheet
612Kb / 10P
3.0 A, 15 V, Step-Down Switching Regulator
More results

Similar Description - IL2575Q

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2576 ONSEMI-LM2576_06 Datasheet
276Kb / 28P
3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2595 ONSEMI-LM2595 Datasheet
572Kb / 25P
1.0 A, Step-Down Switching Regulator
February, 2009 ??Rev. 2
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2576T-5G ONSEMI-LM2576T-5G Datasheet
253Kb / 28P
3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
42-V, 1-A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com