Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCP-MU Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RCP-MU
Description  Power Control and Monitor System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RCP-MU Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RCP-MU Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RCP-MU Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RCP-MU Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
CaseNo.701A
Unit:mm
440
466.1
483.6
FRONT
ACInput TerminalBlock
AlarmSignals TerminalBlock
Communication
Connector
Output
VoltageLock
ModelSelect
Switch
Remote Adjust RemoteON/OFF
DisplayofPSU1
DisplayofPSU2
DisplayofPSU3
TOP
BACK
10.2
PowerControlandMonitorSystem
R C P - M U
FileName:RCP-MU-SPEC2008-08-07
ACInput TerminalBlock
AlarmSignalsPinNo. Assignment
PinNo.
PinNo.
PinNo.
PinNo.
1
1,2
7,8
13,14
3
5,6
11,12
17,18
2
3,4
9,10
15,16
Assignment
Assignment
Assignment
Assignment
AC/L
AC3Fail
AC2Fail
AC1Fail
DC3Fail
DC2Fail
DC1Fail
Temp3Fail
Temp2Fail
Temp1Fail
AC/N
Communication
PinNo. Assignment
Connector
PinNo.
PinNo.
PinNo.
PinNo.
PinNo.
2
1
3
4
5
Assignment
Assignment
Assignment
Assignment
Assignment
AC-OK-A
ON/OFF-A
DC-OK-A
V-TRIM-A
T-ALARM-A
7
13
9
8
10
14
15
6
12
11
16
17
23
21
22
25
18
19
20
24
AC-OK-B
DC-OK-B
ON/OFF-B
+5V-AUX
GND-AUX
NC
CS
ON/OFF-C
V-TRIM-B
T-ALARM-B
AC-OK-C
DC-OK-C
SCL
-S
+V
-V
V-TRIM-C
T-ALARM-C
+S
SDA
FG
Your Reliable
Partner
Power
PSU
OutputAdjust
OFF
ON
1
3
2
1
3
2
PSU
ON/OFF
ACFail
ACFail
ACFail
DCFail
DCFail
DCFail
TempAlarm
Temp Alarm
Temp Alarm
TEMP
TEMP
TEMP
AMPS
AMPS
AMPS
VOLTS
VOLTS
VOLTS
Your Reliable
Partner
Power
ACFail
ACFail
ACFail
DCFail
DCFail
DCFail
TempAlarm
Temp Alarm
Temp Alarm
TEMP
TEMP
TEMP
AMPS
AMPS
AMPS
VOLTS
VOLTS
VOLTS
PSU
OutputAdjust
OFF
ON
1
3
2
1
3
2
PSU
ON/OFF
100-240VAC
NL
AlarmSignals
Temp3
Alarm
Temp2
Alarm
Temp1
Alarm
DC3
Fail
DC2
Fail
MODEL
SELECT
VOLTS
LOCK
DC1
Fail
AC3
Fail
AC2
Fail
AC1
Fail
Communication
1
13
14
Disable
Enable
25
1
3
2
1
3
5
7
9
11
13
15
17
2
4
6
8
10
12
14
16
18
1
1
2
2
3
3
Allalarmsignalsarepotentialfreerelays
SupplyVoltage:100-240VAC 50/60Hz
Model:RCP-MU
w w w . m e a n w e l l . c o m
0.35-0.2A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com