Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL2575-3.3D2 Datasheet(PDF) 13 Page - IK Semicon Co., Ltd

Part # IL2575-3.3D2
Description  1.0 A, 15 V, Step-Down Switching Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL2575-3.3D2 Datasheet(HTML) 13 Page - IK Semicon Co., Ltd

Back Button IL2575-3.3D2 Datasheet HTML 9Page - IK Semicon Co., Ltd IL2575-3.3D2 Datasheet HTML 10Page - IK Semicon Co., Ltd IL2575-3.3D2 Datasheet HTML 11Page - IK Semicon Co., Ltd IL2575-3.3D2 Datasheet HTML 12Page - IK Semicon Co., Ltd IL2575-3.3D2 Datasheet HTML 13Page - IK Semicon Co., Ltd IL2575-3.3D2 Datasheet HTML 14Page - IK Semicon Co., Ltd IL2575-3.3D2 Datasheet HTML 15Page - IK Semicon Co., Ltd IL2575-3.3D2 Datasheet HTML 16Page - IK Semicon Co., Ltd IL2575-3.3D2 Datasheet HTML 17Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
IL2575-xx
THE IL2575–5.0 STEP–DOWN VOLTAGE REGULATOR WITH 5.0 V @ 1.0 A OUTPUT POWER
CAPABILITY. TYPICAL APPLICATION WITH THROUGH–HOLE PC BOARD LAYOUT
Figure 25. Schematic Diagram of the IL2575–5.0 Step–Down Converter
NOTE: Not to scale.
NOTE: Not to scale.
Figure 26. Printed Circuit Board
Component Side
Figure 27. Printed Circuit Board
Copper Side
Rev. 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com