Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP2522 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TP2522
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2522 Datasheet(HTML) 3 Page - Supertex, Inc

  TP2522 Datasheet HTML 1Page - Supertex, Inc TP2522 Datasheet HTML 2Page - Supertex, Inc TP2522 Datasheet HTML 3Page - Supertex, Inc TP2522 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TP2520/TP2522
Output Characteristics
-2.5
-2.0
-1.5
-1.0
-0.5
0
Saturation Characteristics
-2.0
-1.6
-1.2
-0.8
-0.4
0
Maximum Rated Safe Operating Area
-1
-1000
-100
-10
-0.1
-1.0
-10
-0.01
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0
0.001
10
0.01
0.1
1
Transconductance vs. Drain Current
1.0
0.8
0.6
0.4
0.2
0
0
-2.0
-0.4
Power Dissipation vs. Ambient Temperature
0
150
100
50
2.0
125
75
25
0
-10
-20
-30
-50
-40
VGS = -10V
-4V
-3V
0-2
-4
-6
-10
-8
-6V
-6V
-8V
-4V
-8V
TA = 25°C
TA = 125°C
TA = -55°C
-0.8
-1.2
-1.6
TO-243AA (DC)
1.0
0
-3V
TO-243AA
VDS (volts)
VDS (volts)
VGS = -10V
VDS = -25V
VDS (volts)
tP (seconds)
TO-243AA (pulsed)
TA (°C)
ID (amperes)
TA = 25°C
TO-243AA
TA = 25°C
PD = 1.6W
Typical Performance Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com