Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALL3 Datasheet(PDF) 1 Page - Altech corporation

Part # ALL3
Description  30 mm Replacment Lense for illuminated actuators ALLx (x=colors)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

ALL3 Datasheet(HTML) 1 Page - Altech corporation

  ALL3 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
− mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/21/2007
11/21/2007
Philipp Ernstberger
11/21/2007
30 mm Replacment Lense for illuminated actuators ALLx (x=colors)
1PB-ALLx
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-ALLx
rev
-
ch.no.
-
description
original design
date
revised by
11/21/2007
Philipp E.
43 mm
[1.7 in]
Color
Cat. No.
White
ALL1
Green
ALL3
Red
ALL4
Amber
ALL5
Blue
ALL6
Clear
ALL7
Yellow
ALL8


Similar Part No. - ALL3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
All FAIRCHILD-All Datasheet
249Kb / 9P
High Voltage Phototransistor Optocouplers
logo
ATGBICS by Approved Tec...
ALL4750-C ATGBICS-ALL4750-C Datasheet
293Kb / 8P
ALL4750 Allnet Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
ALL4751-C ATGBICS-ALL4751-C Datasheet
324Kb / 9P
ALL4751 Allnet Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
ALL4755-C ATGBICS-ALL4755-C Datasheet
285Kb / 8P
ALL4755 Allnet Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
logo
Analog Technologies, In...
ALLCS500MA45-21 ANALOGTECHNOLOGIES-ALLCS500MA45-21 Datasheet
226Kb / 4P
Liquid Level Control Switch
3/18/2021
More results

Similar Description - ALL3

ManufacturerPart #DatasheetDescription
logo
Altech corporation
BA15DXXX ALTECH-BA15DXXX Datasheet
145Kb / 1P
30 mm Replacment Filament Bulbs
APX ALTECH-APX Datasheet
386Kb / 1P
30 mm Non-Illuminated Projecting Momentary Metal Operator APx
AFX ALTECH-AFX Datasheet
372Kb / 1P
30 mm Non-Illuminated Flush Momentary Metal Operator AFx
2BTX ALTECH-2BTX Datasheet
165Kb / 1P
Boots for 22 mm Booted Actuators 2BTx (x=color)
MCB15XXX ALTECH-MCB15XXX Datasheet
424Kb / 1P
30 mm Replacment LED Bulbs
logo
GREATECS
RK3 GREATECS-RK3 Datasheet
222Kb / 1P
21 x 15 mm SP illuminated Rocker Switches
RK9 GREATECS-RK9 Datasheet
484Kb / 1P
32 x 16.5 mm SP illuminated Rocker Switches
RK10 GREATECS-RK10 Datasheet
426Kb / 1P
31.5 x 17 mm SP illuminated Rocker Switches
RK11 GREATECS-RK11 Datasheet
363Kb / 1P
32 x 25 mm illuminated Rocker Switches
logo
Altech corporation
AM4 ALTECH-AM4 Datasheet
329Kb / 1P
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com