Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBW10K Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # EBW10K
Description  EURO BLOCKS TS & EB SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

EBW10K Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  EBW10K Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
343
INTRODUCTION:
Adam Tech EB Series Euro Blocks are a broad range of PCB
mounted blocks in various sizes and profiles including Standard,
Miniature and Micro blocks with pitches ranging from 15.00mm down
to 3.50mm. Included are types that have wire entry from Top, Side or
Side Angle. Two piece ‘pluggable’ versions and Lever Actuated
styles are also available. Each contains our unique wire guard design
and is precision manufactured for smooth operation and ease of use.
SPECIFICATIONS:
Material:
Insulator: PBT or Nylon, glass reinforced, rated UL94V-0
Insulator Color: Green, Black (Blue and Gray optional)
Metal cage: Brass, tin plated
Screw: Steel, Galvanized or Chromatized
Wire Guard: Stainless Steel, Tin plated
Electrical:
Operating voltage: 250V AC max.
Current rating: 7 to 15 Amp max
Contact resistance: 20 m
Ω max. initial
Insulation resistance: 5000 M
Ω min.
Dielectric withstanding voltage: 1500V AC for 1 minute
Mechanical:
Recommended wire size:
EBC & EBF Series: 16 to 26 Awg
EBA, EBB, EBD, EBE, & EBJ Series: 14 to 22 Awg
EBH & EBP Series: 12 to 24 Awg
Mating durability: 500 Cycles min.
Temperature Rating:
Operating temperature: -55°C to +105°C
PACKAGING:
Anti-ESD plastic trays
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
EURO BLOCKS
TS & EB SERIES
Standard body colors:
Black: Series EBA, EBB, EBC, EBD, EBE, EBF, EBG, EBJ, EBT
Green: Series EBH, EBP, EBQ, EBK, EBR, EBS, EBV, EBM,
EBN, EBW, TSE
Other colors also available
OPTIONS:
Add designator(s) to end of part number
C = Closed sides, body styles EBP, EBQ, EBR & EBS
E = Mounting ears, body styles EBH & EBK
ORDERING INFORMATION
EBA
C
SERIES INDICATOR
EBA = .492" Straight
EBB = .394" Straight
EBC = .327" Straight
EBD = .354" Right Angle
EBE = .295" Right Angle
EBF = .275" Right Angle
EBH = .590" Plugable
EBJ = .433" Plugable
EBK = .440" Plugable
EBP = Pin Header, Straight
EBQ = Header, Right Angle
EBR = Pin Header, Straight
EBS = Header, Right Angle
EBT = Pin Header, Straight
EBV = Pin Header, Straight
EBV2 = Stacked Euro Blocks
EBW = .335" Straight
TSE = Lever Block
NO. OF POLES
02 thru 24
CENTERLINE
SPACING
A = .138" [3.50mm]
B = .150" [3.81mm]
C = .197" [5.00mm]
D = .200" [5.08mm]
E = .276" [7.00mm]
G = .300" [7.62mm]
H = .394" [10.00mm]
J = .400" [10.16mm]
K = .591" [15.00mm]
03
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - EBW10K

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EBW14 ECE-EBW14 Datasheet
212Kb / 4P
2.0mm Contact Spacing, Board to Wire Dip Connectors
EBW14-P002L36W-31Z ECE-EBW14-P002L36W-31Z Datasheet
212Kb / 4P
2.0mm Contact Spacing, Board to Wire Dip Connectors
EBW14-S002C36W-INS ECE-EBW14-S002C36W-INS Datasheet
212Kb / 4P
2.0mm Contact Spacing, Board to Wire Dip Connectors
EBW14-S1C3-31Z-R10000 ECE-EBW14-S1C3-31Z-R10000 Datasheet
212Kb / 4P
2.0mm Contact Spacing, Board to Wire Dip Connectors
logo
STANLEY ELECTRIC CO.,LT...
EBW1444US-E STANLEY-EBW1444US-E Datasheet
246Kb / 13P
High Flux , Power LED Lead-free soldering compatible
More results

Similar Description - EBW10K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSB13 ETC1-TSB13 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Cooper Bussmann, Inc.
EM3123 COOPER-EM3123 Datasheet
231Kb / 9P
Euro-Mag Terminal Blocks 3.50 Centers Modular
EM2742 COOPER-EM2742 Datasheet
392Kb / 9P
Euro-Mag Terminal Blocks Screwless 2.54 Centers
logo
Ohmite Mfg. Co.
EVFT119 OHMITE-EVFT119 Datasheet
403Kb / 2P
Euro-Power Wirewound Series
logo
Adam Technologies, Inc.
EB41-XX-D-E ADAM-TECH-EB41-XX-D-E Datasheet
75Kb / 1P
EURO BLOCK
EB42-XX-G-E ADAM-TECH-EB42-XX-G-E Datasheet
77Kb / 1P
EURO BLOCK
EB121-XX-A ADAM-TECH-EB121-XX-A Datasheet
73Kb / 1P
EURO BLOCK
EB124-XX-C-GY ADAM-TECH-EB124-XX-C-GY Datasheet
69Kb / 1P
EURO BLOCK
logo
List of Unclassifed Man...
E3150 ETC-E3150 Datasheet
220Kb / 2P
EB SERIES TRANSISTORS
EB203D ETC-EB203D Datasheet
648Kb / 3P
EB SERIES TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com