Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3PSF620 Datasheet(PDF) 1 Page - Altech corporation

Part # 3PSF620
Description  Economy Non-Illuminated Plastic Momentary Push Buttons 3PSFxyy
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

3PSF620 Datasheet(HTML) 1 Page - Altech corporation

  3PSF620 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ITEM DESCRIPTION
CAT. NO.
COLOR
MIN. QTY. MAX. QTY.
3PSF1yy
White
1
1
3PSF2yy
Black
1
1
3PSF3yy
Green
1
1
3PSF4yy
Red
1
1
3PSF6yy
Blue
1
1
3PSF8yy
Yellow
1
1
2*
Mounting Nut
P2BRK
Black
1
1
3*
Rubber Gasket
3PRG1
Black
1
1
4
Panel
-
-
-
-
1*
Economy Plastic Psuh Button
yy = Contact Configuration
10 =
1NO Contact
01 =
1NC Contact
11 =
1NO + 1NC Contacts
20 =
2NO Contacts
02 =
2NC Contacts
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
− mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/2/2007
Philipp Ernstberger
Economy Non-Illuminated Plastic Momentary Push Buttons 3PSFxyy
(x=color, yy=contact configuration)
1PB-3PSFxyy
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-3PSFxyy
rev
-
ch.no.
-
description
original design
date
revised by
11/2/2007
Philipp E.
max. 6 mm
[.25 in]
42.6 mm
[1.7 in]
8.5 mm
[.3 in]
* = Push Button is supplied with mounting nut and rubber gasket (ITEM 2 and 3)
1
2
3
4


Similar Part No. - 3PSF620

ManufacturerPart #DatasheetDescription
logo
Europa PLC
3PSNME AC-22 EUROPA-3PSNME AC-22 Datasheet
316Kb / 3P
4 Pole & 3 Pole Switched Neutral IP65 Steel Enclosed Switch Disconnectors
logo
Omron Electronics LLC
3PST-NO OMRON-3PST-NO Datasheet
1Mb / 11P
Safety Relay Unit
2019.7
More results

Similar Description - 3PSF620

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2LHB ALTECH-2LHB Datasheet
379Kb / 1P
Bulb holder for illuminated Push buttons 2LHB
2AMX ALTECH-2AMX Datasheet
184Kb / 1P
22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx
2ABX ALTECH-2ABX Datasheet
179Kb / 1P
22mm Non-Illuminated Booted Momentary 2ABx
logo
LUMEX INC.
CLS-PC11A125S00B LUMEX-CLS-PC11A125S00B Datasheet
49Kb / 1P
ILLUMINATED MOMENTARY SWITCH
CLS-PC11A125S00R LUMEX-CLS-PC11A125S00R Datasheet
49Kb / 1P
ILLUMINATED MOMENTARY SWITCH
CLS-PC11A125S00Y LUMEX-CLS-PC11A125S00Y Datasheet
49Kb / 1P
ILLUMINATED MOMENTARY SWITCH
logo
Schneider Electric
ZB5AA3TQ SCHNEIDER-ZB5AA3TQ Datasheet
118Kb / 3P
22mm push button, Harmony ZB5, plastic base, non illuminated momentary push button, green, bulk packed 100
Mar 7, 2022
ZB5AA4TQ SCHNEIDER-ZB5AA4TQ Datasheet
149Kb / 3P
22mm push button, Harmony ZB5, plastic base, non illuminated momentary push button, red, bulk packed 100
Mar 7, 2022
ZB5AD912 SCHNEIDER-ZB5AD912 Datasheet
177Kb / 4P
Harmony XB5/ZB5 Plastic Push Buttons
Jan 11, 2022
ZB5AP3S SCHNEIDER-ZB5AP3S_V01 Datasheet
358Kb / 9P
Harmony XB5/ZB5 Plastic Push Buttons
Jan 12, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com