Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EK024 Datasheet(PDF) 4 Page - Altech corporation

Part # EK024
Description  Polycarbonate-130x94mm (5.12x3.70in.)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

EK024 Datasheet(HTML) 4 Page - Altech corporation

  EK024 Datasheet HTML 1Page - Altech corporation EK024 Datasheet HTML 2Page - Altech corporation EK024 Datasheet HTML 3Page - Altech corporation EK024 Datasheet HTML 4Page - Altech corporation EK024 Datasheet HTML 5Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
E254144
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
87
EK012 – Polycarbonate – 180x254mm (7.09x10.00in.)
EK
Ordering
Dimensions mm (in)
Std.
Information
Cat. No.
Type
Length
Width
Height
Pk.
Enclosure
542-512
EK012
180 mm (7.09 in)
254 mm (10.00 in)
110 mm (4.33 in)
1
Accessories
Ordering
Std.
Information
Cat. No.
Type
Pk.
Key Lock
548-102
KL
1
Terminal
X-583
PE/N Terminal - 12 pole
1
Filler Strip
799-012
108 mm piece (6 divisions)
1
Please refer to pages 116-120 for additional accessories and detailed information.
Standard Features
• Protection Level:
IP65 - Nema Type 4x
• Technical:
Smooth Sidewalls
Tinted Transparent Door
• Enclosure Material:
Polycarbonate
• Door Material:
Polycarbonate
• Gasket Material:
Polyurethane
• Temperature Range:
-35°C to 120°C (-31°F to 248°F)
• Color:
Light Gray
• Included Accessories:
35mm DIN Rail
Label Strip
• Accessories:
See section below
35
(1.38 in)
46
(1.81 in)
180
(7.09 in)
254mm(10.0in.)
216mm
46mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com