Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT459 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT459
Description  Silicon NPN High Voltage Switching Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT459 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT459 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMT459 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon NPN High Voltage Switching Transistor
FMMT459
Features
6V reverse blocking capability
Low saturation voltage - 90mV @ 50mA
hFE
50 @ 30 Ma
IC=150mA continuous
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
500
V
Collector-emitter voltage
VCEV
500
V
Collector-emitter voltage
VCEO
450
V
Emitter-base voltage
VEBO
6V
Emitter-collector voltage
VECV
6V
Peak pulse current
ICM
0.5
A
Continuous collector current * 1
IC
0.15
Base current
IB
0.2
A
Power dissipation @ TA=25
*1
625
mW
Linear derating factor
5
mW/
Power dissipation @ TA=25
*2
806
mW
Linear derating factor
6.4
mW/
Operating and storage temperature range
Tj:Tstg
-55to+150
?Junction to ambient *1
RèJA
200
/W
Junction to ambient *2
RèJA
155
/W
*2 as above measured at t<5secs.
*1 For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of 1oz copper, in
still air conditions
PD
PD


Similar Part No. - FMMT459

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT459 ZETEX-FMMT459 Datasheet
169Kb / 6P
450V SILICON NPN HIGH VOLTAGE SWITCHING TRANSISTOR
FMMT459 ZETEX-FMMT459 Datasheet
236Kb / 6P
500V Silicon NPN high voltage switching transistor
logo
Diodes Incorporated
FMMT459 DIODES-FMMT459 Datasheet
196Kb / 6P
500V Silicon NPN high voltage switching transistor
Agust 2005
FMMT459Q DIODES-FMMT459Q_15 Datasheet
301Kb / 7P
500V NPN HIGH VOLTAGE TRANSISTOR IN SOT23
Rev erse
logo
Zetex Semiconductors
FMMT459TA ZETEX-FMMT459TA Datasheet
169Kb / 6P
450V SILICON NPN HIGH VOLTAGE SWITCHING TRANSISTOR
More results

Similar Description - FMMT459

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BUF636A TEMIC-BUF636A Datasheet
126Kb / 8P
Silicon NPN High Voltage Switching Transistor
logo
Vishay Siliconix
BUF644 VISHAY-BUF644 Datasheet
92Kb / 9P
Silicon NPN High Voltage Switching Transistor
20-Jan-99
logo
TEMIC Semiconductors
BUF742 TEMIC-BUF742 Datasheet
129Kb / 8P
Silicon NPN High Voltage Switching Transistor
logo
Vishay Siliconix
BUF7216 VISHAY-BUF7216 Datasheet
92Kb / 8P
Silicon NPN High Voltage Switching Transistor
20-Jan-99
logo
TEMIC Semiconductors
BUF744 TEMIC-BUF744 Datasheet
133Kb / 9P
Silicon NPN High Voltage Switching Transistor
BUF650 TEMIC-BUF650 Datasheet
88Kb / 8P
Silicon NPN High Voltage Switching Transistor
logo
Vaishali Semiconductor
BUD700D VAISH-BUD700D Datasheet
99Kb / 8P
Silicon NPN High Voltage Switching Transistor
logo
TEMIC Semiconductors
TE13004D TEMIC-TE13004D Datasheet
94Kb / 9P
Silicon NPN High Voltage Switching Transistor
BUF653 TEMIC-BUF653 Datasheet
132Kb / 8P
Silicon NPN High Voltage Switching Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com