Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT723 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMT723
Description  Switching Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMT723 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMT723 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMT723 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Switching Transistor
FMMT723
Features
625mW power dissipation
IC CONT 2.5A
IC Up To 10A peak pulse current
Excellent hfe Characteristics Up To 10A (pulsed)
Extremely Low Saturation Voltage E.g. 10mV Typ.
Exhibits extremely low equivalent on-resistance; RCE(sat)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-100
V
Collector-emitter voltage
VCEO
-100
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-1
A
Peak collector current
ICM
-2.5
A
Base current
IB
-500
mA
Power dissipation
Ptot
625
mW
Operating and storage temperature range
Tj,Tstg
-55to+150


Similar Part No. - FMMT723

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT723 ZETEX-FMMT723 Datasheet
355Kb / 4P
SILICON POWER (SWITCHING) TRANSISTORS
logo
Diodes Incorporated
FMMT723 DIODES-FMMT723 Datasheet
440Kb / 4P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
JUNE 1996
FMMT723 DIODES-FMMT723 Datasheet
367Kb / 4P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
JUNE 1996
FMMT723TA DIODES-FMMT723TA Datasheet
367Kb / 4P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
JUNE 1996
FMMT723 DIODES-FMMT723_15 Datasheet
407Kb / 7P
100V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 5
More results

Similar Description - FMMT723

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBT4403W KEXIN-MMBT4403W Datasheet
52Kb / 2P
Switching Transistor
FMMT717 KEXIN-FMMT717 Datasheet
37Kb / 2P
Switching Transistor
FMMT720 KEXIN-FMMT720 Datasheet
38Kb / 2P
Switching Transistor
logo
ON Semiconductor
BSV52LT1G ONSEMI-BSV52LT1G Datasheet
114Kb / 3P
Switching Transistor
August, 2009 ??Rev. 3
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W Datasheet
301Kb / 5P
Switching Transistor
logo
ON Semiconductor
MMBT4401WT1G ONSEMI-MMBT4401WT1G Datasheet
186Kb / 6P
Switching Transistor
October, 2010 -- Rev. 2
logo
SeCoS Halbleitertechnol...
MMBT4403W SECOS-MMBT4403W_15 Datasheet
301Kb / 5P
Switching Transistor
logo
GUANGDONG HOTTECH INDUS...
MMBT4401 HOTTECH-MMBT4401 Datasheet
182Kb / 2P
Switching transistor
HCPS2907A HOTTECH-HCPS2907A Datasheet
398Kb / 4P
SWITCHING TRANSISTOR
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
TRANSISTOR SWITCHING TRANSISTOR
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com